Electronic Components Datasheet Search
  English  ▼

X  

RF2418 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2418
Description  LOW CURRENT LNA/MIXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2418 Datasheet HTML 3Page - RF Micro Devices RF2418 Datasheet HTML 4Page - RF Micro Devices RF2418 Datasheet HTML 5Page - RF Micro Devices RF2418 Datasheet HTML 6Page - RF Micro Devices RF2418 Datasheet HTML 7Page - RF Micro Devices RF2418 Datasheet HTML 8Page - RF Micro Devices RF2418 Datasheet HTML 9Page - RF Micro Devices RF2418 Datasheet HTML 10Page - RF Micro Devices RF2418 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RF2418
Rev A7 DS060203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Buffered Output Configuration
850MHz
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LN A
M IXER
B U FFE R
10pF
RF A M P
I
F
F
i
l
t
e
r
,
5
0
Ω
IF O U T
R F IN
I
m
a
g
e
F
i
l
t
e
r
,
5
0
Ω
15nH
10 nH
LO IN
V DD
V DD
L1 s hould par alle l r e s onate, at the IF fr equen c y , w ith the in te r nal
10pF c apac itor plus any ex tr a par as itic la y out c apac itanc e .
R 1 and R 2 ar e bias r e s is tor s that s e t the bias c u r r ent fo r the buffe r
am plifie r . T he v a lue r e c o m m ended is 510 W , eac h. H ighe r v a lues
w ill dec r eas e the c u r r e n t c ons um ption but als o dec r eas e the output
le v e l at w h ic h v o ltage c lipping begins to oc c u r . A t lo w e r IF
fr equenc ie s , w her e the in te r nal 10 pF c apac itor does not r o ll off the
c onv er s ion gain, L1 m a y be elim inated .
C 1 is a bloc k ing c apac itor , in c a s e the IF filter 's input is not an open
c ir c uit at D C .
10 nH
47 pF
100 nF
R1
C1
L1
R2
100 nF
100 nF
1 n F
4 p F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com