Electronic Components Datasheet Search
  English  ▼

X  

RF2418 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2418
Description  LOW CURRENT LNA/MIXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2418 Datasheet HTML 4Page - RF Micro Devices RF2418 Datasheet HTML 5Page - RF Micro Devices RF2418 Datasheet HTML 6Page - RF Micro Devices RF2418 Datasheet HTML 7Page - RF Micro Devices RF2418 Datasheet HTML 8Page - RF Micro Devices RF2418 Datasheet HTML 9Page - RF Micro Devices RF2418 Datasheet HTML 10Page - RF Micro Devices RF2418 Datasheet HTML 11Page - RF Micro Devices RF2418 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 of 12
RF2418
Rev A7 DS060203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
RF=850MHz, IF=71MHz
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LNA
MIXER
BUFFER
10pF
RF AMP
L3
10 nH
C3
47 pF
C1
0.1
μF
L1
1
μH
L2
18 nH
C2
1 nF
R3
610
Ω
R1
300
Ω
E2 E1
L4
10 nH
R4
5.11 k
Ω
C4
0.1
μF
C5
3 pF to 5 pF
see note
Notes:
For high impedance output
1) Populate L1 and TP1
2) Remove jumper E1 to E2
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
2418400C
Jumper
TP1
see note
VDD
50
Ω μstrip
P1
1
2
3
NC
GND
P1-3
VDD
J1
LNA IN
50
Ω μstrip
J2
IF OUT
P1-3
J3
LO IN
J4
RF IN
J5
LNA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com