Electronic Components Datasheet Search
  English  ▼

X  

FPD1000AS Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FPD1000AS
Description  1W PACKAGED POWER PHEMT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1000AS Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FPD1000AS Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
3
Datasheet v3.0
FPD1000AS
TYPICAL MEASURED RF PERFORMANCE:
Note: Measurement Conditions TAMBIENT = 22°C unless otherwise stated (VDS=10V, IDS=200mA, f=1800MHz)
Drain Efficiency and PAE
.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
Input Power (dBm)
.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
PAE
Eff.
Power Transfer Characteristic
15.00
17.00
19.00
21.00
23.00
25.00
27.00
29.00
31.00
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
Input Power (dBm)
-.50
.00
.50
1.00
1.50
2.00
2.50
3.00
3.50
Pout
Comp Point
IMProductsvs.InputPower
17.00
19.00
21.00
23.00
25.00
27.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
InputPower(dBm)
-55.00
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
Pout
Im3,dBc
FPD1000AS I-V Curves
.000
.100
.200
.300
.400
.500
.600
.700
.800
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
Drain-Source Voltage (V)
VGS = 0V
VGS = -0.25V
VGS = -0.5V
VGS = -0.75V
VGS = -1.0V
VGS = -1.25V
10.0
5.0
3.
0
4.0
-0.2
-0.
4
FPD1000AS IP3 CONTOURS 1800 MHz
Swp Max
222
Swp Min
1
46 dBm
44 dBm
42 dBm
40 dBm
48 dBm
0
1.0
1.0
-
1.0
10.
0
10.0
-10.0
5.0
5.0
-5.0
2.0
2.0
-
2.0
3.0
3.0
-3.0
4.0
4.0
-4.0
0.2
0.2
-0.2
0.4
0.4
-0.4
0.6
0.6
-
0.6
0.8
0.8
-
0.8
FPD1000AS POWER CONTOURS 1800 MHz
Swp Max
215
Swp Min
1
32 dBm
31 dBm
30 dBm
29 dBm
28 dBm
NOTE:
ntours measured at constant
NOTE:
ours generated with PIN = 11dB
Power co
input power level set to meet Optimum
P1dB at the output match. Optimum
match:
Γ
S = 3 – j2 Ω and ΓL = 25 + j5 Ω
IP3 cont
back-off from P1dB. Local maxima for best
linearity located at:
Γ
L = 40 + j55 Ω and ΓL = 113 + j70 Ω
with
Γ
S = 15 + j12 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com