Electronic Components Datasheet Search
  English  ▼

X  

FPD1000AS Datasheet(PDF) 9 Page - Filtronic Compound Semiconductors

Part # FPD1000AS
Description  1W PACKAGED POWER PHEMT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1000AS Datasheet(HTML) 9 Page - Filtronic Compound Semiconductors

Back Button FPD1000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 10Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 11Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
9
Datasheet v3.0
FPD1000AS
S-PARAMETERS (CONT.):
Biased 10V, 200mA
FREQ-GHZ
S11M AG
S11ANG
S21MAG
S21ANG
S12MAG
S12ANG
S22M AG
S22ANG
5.00
0.82
108.18
2.13
-16.13
0.06
-9.98
0.29
157.42
5.10
0.81
105.83
2.10
-18.60
0.06
-11.10
0.29
155.91
5.20
0.81
103.46
2.08
-21.11
0.06
-12.35
0.29
154.46
5.30
0.81
101.13
2.05
-23.59
0.07
-13.63
0.29
152.90
5.40
0.81
98.72
2.03
-26.08
0.07
-14.83
0.29
151.36
5.50
0.81
96.33
2.00
-28.59
0.07
-16.07
0.29
149.74
5.60
0.80
93.92
1.98
-31.11
0.07
-17.49
0.29
148.11
5.70
0.80
91.39
1.96
-33.62
0.07
-18.72
0.29
146.28
5.80
0.80
88.80
1.93
-36.18
0.07
-20.03
0.29
144.50
5.90
0.80
86.30
1.91
-38.70
0.07
-21.39
0.29
142.74
6.00
0.80
83.78
1.89
-41.23
0.07
-22.73
0.29
141.04
6.10
0.80
81.27
1.87
-43.77
0.08
-24.19
0.29
139.39
6.20
0.80
78.66
1.85
-46.41
0.08
-26.10
0.29
137.34
6.30
0.80
76.05
1.82
-49.03
0.08
-27.81
0.29
135.24
6.40
0.80
73.44
1.80
-51.60
0.08
-29.44
0.29
133.07
6.50
0.80
70.67
1.78
-54.20
0.08
-30.98
0.29
130.98
6.60
0.79
67.95
1.75
-56.75
0.08
-32.63
0.29
128.65
6.70
0.79
65.31
1.72
-59.02
0.08
-33.63
0.28
126.73
6.80
0.78
63.23
1.71
-60.71
0.08
-32.15
0.28
126.99
6.90
0.79
61.09
1.71
-63.43
0.09
-33.13
0.29
126.51
7.00
0.79
58.43
1.70
-66.42
0.09
-35.89
0.30
124.01
7.10
0.79
55.67
1.68
-69.26
0.09
-38.30
0.30
121.40
7.20
0.79
52.99
1.66
-71.95
0.09
-40.44
0.30
118.89
7.30
0.79
50.30
1.64
-74.59
0.09
-42.24
0.30
116.47
7.40
0.79
47.73
1.62
-77.04
0.10
-43.66
0.30
114.40
7.50
0.80
45.33
1.61
-79.49
0.10
-44.69
0.30
113.31
7.60
0.80
42.75
1.59
-82.36
0.10
-46.91
0.31
110.92
7.70
0.80
40.08
1.57
-85.07
0.10
-49.10
0.31
108.33
7.80
0.80
37.57
1.55
-87.69
0.10
-51.11
0.31
105.97
7.90
0.80
34.99
1.53
-90.32
0.11
-53.07
0.32
103.61
8.00
0.80
32.44
1.52
-92.91
0.11
-55.02
0.32
101.30
8.10
0.80
30.01
1.50
-95.45
0.11
-56.92
0.32
99.02
8.20
0.80
27.63
1.48
-97.99
0.11
-58.66
0.32
96.94
8.30
0.81
25.29
1.47
-100.59
0.11
-60.57
0.32
94.64
8.40
0.81
22.80
1.45
-103.20
0.11
-62.43
0.32
92.31
8.50
0.81
20.44
1.43
-105.74
0.11
-64.13
0.33
89.97
8.60
0.81
18.12
1.42
-108.27
0.12
-65.92
0.33
87.60
8.70
0.81
15.80
1.40
-110.78
0.12
-67.73
0.33
85.33
8.80
0.81
13.42
1.39
-113.31
0.12
-69.56
0.33
83.03
8.90
0.81
11.15
1.37
-115.81
0.12
-71.48
0.33
80.64
9.00
0.81
8.87
1.36
-118.27
0.12
-73.28
0.33
78.35
9.10
0.81
6.58
1.35
-120.72
0.12
-75.07
0.33
76.22
9.20
0.82
4.40
1.34
-123.22
0.13
-76.87
0.33
74.12
9.30
0.82
2.09
1.33
-125.78
0.13
-78.81
0.33
71.85
9.40
0.82
-0.07
1.32
-128.34
0.13
-80.75
0.34
69.43
9.50
0.82
-2.41
1.30
-130.90
0.13
-82.67
0.34
67.07
9.60
0.82
-4.64
1.29
-133.47
0.13
-84.62
0.34
64.55
9.70
0.82
-7.03
1.28
-136.06
0.13
-86.70
0.34
62.06
9.80
0.83
-9.45
1.27
-138.66
0.14
-88.65
0.34
59.65
9.90
0.82
-11.95
1.26
-141.19
0.14
-90.55
0.34
57.31
10.00
0.82
-14.29
1.25
-143.71
0.14
-92.29
0.34
54.97



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com