Electronic Components Datasheet Search
  English  ▼

X  

FPD1000AS Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FPD1000AS
Description  1W PACKAGED POWER PHEMT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1000AS Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FPD1000AS Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
5
Datasheet v3.0
FPD1000AS
REFERENCE DESIGN AT 1.70 TO 1.85 GHZ:
NOTE: AutoCAD
™ drawing available on request
C7
C8
C6
L1
C5
R2
L2
C1
C2
R1
Q1
C4
C9
VGG
≈ -0.5V
VDD = +10V
RF
OUTPUT
RF
INPUT
DESIGNATOR
MANUFACTURER’S PART
DESCRIPTION
QUANTITY
C1
ATC600S3R9CW250
Capacitor, 3.9 pF, 0603, ATC 600, tol. +0.25pF
1
C2
ATC600S5R6CW250
Capacitor, 5.6 pF, 0603, ATC 600, tol. +0.25pF
1
C4
ATC600S330JW250
Capacitor, 33 pF, 0603, ATC 600, tol. +5%
1
C5
ATC600S330JW250
Capacitor, 33 pF, 0603, ATC 600, tol. +5%
1
C6
T491B105M035AS7015
Capacitor, 1 mF, SMD-B, Kemet, tol. +20%
1
C7
ATC600S680JW250
Capacitor, 68 pF, 0603, ATC 600
1
C8
T491B105M035AS7015
Capacitor, 1 mF, SMD-B, Kemet, tol. +20%
1
C9
ATC600S2R0BW250
Capacitor, 2 pF, 0603, ATC 600, tol. +0.1pF
1
L1
0604HQ-1N1
Inductor, 1.1 nH, Coilcraft High Q Surface Mount
1
L2
0604HQ-1N1
Inductor, 1.1 nH, Coilcraft High Q Surface Mount
1
R1
RCI-0402-27R0J
Resistor, 27 W, 0402, IMS, tol. +5%
1
R2
RCI-0603-12R0J
Resistor, 12 W, 0603, IMS, tol. +5%
1
Q1
FPD1000AS
1w Packaged Power pHEMT, Filtronic
1
PC-SP-000010-006
PCB, Rogers R04003, 0.012”(0.3mm), 0.5oz.
1
TF-SP-000012
Carrier
1
142-0711-841
Connector, RF, SMA End Launch, Jack Assy,
2
AMP-103185-2
Connector, DC, 0.100 on center, 0.025 sq.
2
TF-SP-000003
Center Block for P100 Package
1
Screw, #0-80
8
NOTE: 10-12 mil (0.3mm) plated thru vias used; vias under Q1 should be filled with Dupont CB100 conductive
via plugging material in order to achieve optimal heatsinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com