Electronic Components Datasheet Search
  English  ▼

X  

ESD752DXAR Datasheet(PDF) 2 Page - Texas Instruments

Part # ESD752DXAR
Description  ESD752 24V, 2-Channel ESD Protection Diode in Multiple Industry Standard Packages for In-Vehicle Networks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD752DXAR Datasheet(HTML) 2 Page - Texas Instruments

  ESD752DXAR Datasheet HTML 1Page - Texas Instruments ESD752DXAR Datasheet HTML 2Page - Texas Instruments ESD752DXAR Datasheet HTML 3Page - Texas Instruments ESD752DXAR Datasheet HTML 4Page - Texas Instruments ESD752DXAR Datasheet HTML 5Page - Texas Instruments ESD752DXAR Datasheet HTML 6Page - Texas Instruments ESD752DXAR Datasheet HTML 7Page - Texas Instruments ESD752DXAR Datasheet HTML 8Page - Texas Instruments ESD752DXAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings—IEC Specification................................ 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................5
5.6 Typical Characteristics................................................ 6
6 Application and Implementation.................................... 9
6.1 Application Information............................................... 9
6.2 Typical Application...................................................... 9
7 Layout.............................................................................10
7.1 Layout Guidelines..................................................... 10
7.2 Layout Example........................................................ 10
8 Device and Documentation Support............................11
8.1 Documentation Support............................................ 11
8.2 Receiving Notification of Documentation Updates.... 11
8.3 Support Resources................................................... 11
8.4 Trademarks............................................................... 11
8.5 Electrostatic Discharge Caution................................ 11
8.6 Glossary.................................................................... 11
9 Revision History............................................................ 11
10 Mechanical, Packaging, and Orderable
Information.................................................................... 12
ESD752
SLVSJ54A – DECEMBER 2025 – REVISED DECEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com