Electronic Components Datasheet Search
  English  ▼

X  

ESD752DXAR Datasheet(PDF) 4 Page - Texas Instruments

Part # ESD752DXAR
Description  ESD752 24V, 2-Channel ESD Protection Diode in Multiple Industry Standard Packages for In-Vehicle Networks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD752DXAR Datasheet(HTML) 4 Page - Texas Instruments

  ESD752DXAR Datasheet HTML 1Page - Texas Instruments ESD752DXAR Datasheet HTML 2Page - Texas Instruments ESD752DXAR Datasheet HTML 3Page - Texas Instruments ESD752DXAR Datasheet HTML 4Page - Texas Instruments ESD752DXAR Datasheet HTML 5Page - Texas Instruments ESD752DXAR Datasheet HTML 6Page - Texas Instruments ESD752DXAR Datasheet HTML 7Page - Texas Instruments ESD752DXAR Datasheet HTML 8Page - Texas Instruments ESD752DXAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
PACKAG
E
MIN
MAX UNIT
Ppp
IEC 61000-4-5 Power (tp – 8/20 µs) at 25°C
All
Packages
210
W
Ipp
IEC 61000-4-5 current (tp – 8/20 µs) at 25°C
SOT-23 &
SC-70
5.7
A
DFN1110-
3
4.7
A
TA
Operating free-air temperature
-55
150
°C
TJ
Junction temperature
-55
150
°C
Tstg
Storage temperature
-65
155
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings—IEC Specification
over TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITION
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
±30000
V
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Air Discharge, all pins
±30000
V
5.3 Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
VIN
Input voltage
-24
24
V
TA
Operating free-air temperature
-55
150
°C
5.4 Thermal Information
THERMAL METRIC(1)
ESD752
UNIT
DBZ (SOT-23)
DCK (SOT-323 / SC-70)
DXA (DFN1110-3)
3 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
291.5
283.0
284.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
147.1
164.1
147.9
°C/W
RθJB
Junction-to-board thermal resistance
131.1
105.1
127.4
°C/W
ΨJT
Junction-to-top characterization parameter
32.0
67.1
12.0
°C/W
ΨJB
Junction-to-board characterization parameter
130.2
104.4
126.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
ESD752
SLVSJ54A – DECEMBER 2025 – REVISED DECEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com