Electronic Components Datasheet Search
  English  ▼

X  

ESD752DXAR Datasheet(PDF) 9 Page - Texas Instruments

Part # ESD752DXAR
Description  ESD752 24V, 2-Channel ESD Protection Diode in Multiple Industry Standard Packages for In-Vehicle Networks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD752DXAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ESD752DXAR Datasheet HTML 5Page - Texas Instruments ESD752DXAR Datasheet HTML 6Page - Texas Instruments ESD752DXAR Datasheet HTML 7Page - Texas Instruments ESD752DXAR Datasheet HTML 8Page - Texas Instruments ESD752DXAR Datasheet HTML 9Page - Texas Instruments ESD752DXAR Datasheet HTML 10Page - Texas Instruments ESD752DXAR Datasheet HTML 11Page - Texas Instruments ESD752DXAR Datasheet HTML 12Page - Texas Instruments ESD752DXAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
6.1 Application Information
The ESD752 is a dual channel TVS diode which is used to provide a path to ground for dissipating ESD events
on differential CAN signal lines. The CAN signal lines are typically routed throughout the automobile to connect
between the different ECUs. As the current from an ESD strike passes through the TVS diode, only a small
voltage drop is present across the diode. This is the voltage presented to the protected IC. The low RDYN of the
triggered TVS diode holds this voltage, VCLAMP, to a safe level for the protected IC.
6.2 Typical Application
CAN
TRANSCEIVER
CANH
RT/2
RT/2
CANL
CAN
Bus
ESD2CANxx24-Q1
2
1
3
CG
TXD
RXD
Application
(for example,
MCU I/O)
Figure 6-1. ESD2CANxx24-Q1 Typical Application
www.ti.com
ESD752
SLVSJ54A – DECEMBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com