Electronic Components Datasheet Search
  English  ▼

X  

LM4766 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4766
Description  Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4766 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4766 Datasheet HTML 1Page - National Semiconductor (TI) LM4766 Datasheet HTML 2Page - National Semiconductor (TI) LM4766 Datasheet HTML 3Page - National Semiconductor (TI) LM4766 Datasheet HTML 4Page - National Semiconductor (TI) LM4766 Datasheet HTML 5Page - National Semiconductor (TI) LM4766 Datasheet HTML 6Page - National Semiconductor (TI) LM4766 Datasheet HTML 7Page - National Semiconductor (TI) LM4766 Datasheet HTML 8Page - National Semiconductor (TI) LM4766 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics (Notes 4, 5) (Continued)
The following specifications apply for V
CC = +30V, VEE = −30V, IMUTE = −0.5mA with RL =8
Ω unless otherwise specified. Lim-
its apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4766
Units
(Limits)
Typical
Limit
(Note 9)
(Note 10)
PSRR
Power Supply Rejection Ratio
V
CC = 30V to 10V, VEE = −30V,
125
85
dB (min)
(Note 2)
V
CM = 0V, IO = 0mA
V
CC = 30V, VEE = −30V to −10V
110
85
dB (min)
V
CM = 0V, IO = 0mA
CMRR
Common Mode Rejection Ratio V
CC = 50V to 10V, VEE = −10V to −50V,
110
75
dB (min)
(Note 2)
V
CM = 20V to −20V, IO = 0mA
A
VOL
(Note 2)
Open Loop Voltage Gain
R
L =2k
Ω, ∆V
O = 40V
115
80
dB (min)
GBWP
Gain Bandwidth Product
f
O = 100kHz, VIN = 50mVrms
8
2
MHz (min)
e
IN
Input Noise
IHF–A Weighting Filter
2.0
8
µV (max)
(Note 3)
R
IN = 600
Ω (Input Referred)
SNR
Signal-to-Noise Ratio
P
O = 1W, A–Weighted,
98
dB
Measured at 1kHz, R
S =25
P
O = 25W, A–Weighted
112
dB
Measured at 1kHz, R
S =25
A
M
Mute Attenuation
Pin 6,11 at 2.5V
115
80
dB (min)
Note 1: Operation is guaranteed up to 60V, however, distortion may be introduced from SPiKe Protection Circuitry if proper thermal considerations are not taken
into account. Refer to the Application Information section for a complete explanation.
Note 2: DC Electrical Test; Refer to Test Circuit #1.
Note 3: AC Electrical Test; Refer to Test Circuit #2.
Note 4: All voltages are measured with respect to the GND pins (5, 10), unless otherwise specified.
Note 5: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 6: For operating at case temperatures above 25˚C, the device must be derated based on a 150˚C maximum junction temperature and a thermal resistance
of
θJC = 1˚C/W (junction to case) for the T package. Refer to the section Determining the Correct Heat Sink in the Application Information section.
Note 7: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 8: The operating junction temperature maximum is 150˚C, however, the instantaneous Safe Operating Area temperature is 250˚C.
Note 9: Typicals are measured at 25˚C and represent the parametric norm.
Note 10: Limits are guarantees that all parts are tested in production to meet the stated values.
Note 11: VEE must have at least −9V at its pin with reference to ground in order for the under-voltage protection circuitry to be disabled. In addition, the voltage
differential between VCC and VEE must be greater than 14V.
Note 12: The output dropout voltage, VOD, is the supply voltage minus the clipping voltage. Refer to the Clipping Voltage vs. Supply Voltage graph in the Typical
Performance Characteristics section.
Note 13: When using the isolated package (TF), the
θJC is 2˚C/W verses 1˚C/W for the non-isolated package (T). This increased thermal resistance from junction
to case requires a lower supply voltage for decreased power dissipation within the package. Voltages higher than ±26V maybe used but will require a heat sink with
less than 1˚C/W thermal resistance to avoid activating thermal shutdown during normal operation.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com