Electronic Components Datasheet Search
  English  ▼

X  

LM4766 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4766
Description  Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4766 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4766 Datasheet HTML 11Page - National Semiconductor (TI) LM4766 Datasheet HTML 12Page - National Semiconductor (TI) LM4766 Datasheet HTML 13Page - National Semiconductor (TI) LM4766 Datasheet HTML 14Page - National Semiconductor (TI) LM4766 Datasheet HTML 15Page - National Semiconductor (TI) LM4766 Datasheet HTML 16Page - National Semiconductor (TI) LM4766 Datasheet HTML 17Page - National Semiconductor (TI) LM4766 Datasheet HTML 18Page - National Semiconductor (TI) LM4766 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Information
MUTE MODE
The muting function of the LM4766 allows the user to mute
the music going into the amplifier by drawing more than
0.5mA out of each mute pin on the device. This is accom-
plished as shown in the Typical Application Circuit where the
resistor R
M is chosen with reference to your negative supply
voltage and is used in conjunction with a switch. The switch
when opened cuts off the current flow from pin 6 or 11 to
−V
EE, thus placing the LM4766 into mute mode. Refer to the
Mute Attenuation vs Mute Current curves in the Typical
Performance Characteristics section for values of attenu-
ation per current out of pins 6 or 11. The resistance R
M is
calculated by the following equation:
R
M
≤ (|−V
EE| − 2.6V)/Ipin6
where I
pin6 =Ipin11
≥ 0.5mA.
Both pins 6 and 11 can be tied together so that only one
resistor and capacitor are required for the mute function. The
mute resistance must be chosen such that greater than 1mA
is pulled through the resistor R
M so that each amplifier is fully
pulled out of mute mode. Taking into account supply line
fluctuations, it is a good idea to pull out 1mA per mute pin or
2 mA total if both pins are tied together.
UNDER-VOLTAGE PROTECTION
Upon system power-up, the under-voltage protection cir-
cuitry allows the power supplies and their corresponding
capacitors to come up close to their full values before turning
on the LM4766 such that no DC output spikes occur. Upon
turn-off, the output of the LM4766 is brought to ground
before the power supplies such that no transients occur at
power-down.
OVER-VOLTAGE PROTECTION
The LM4766 contains over-voltage protection circuitry that
limits the output current to approximately 4.0A
PK while also
providing voltage clamping, though not through internal
clamping diodes. The clamping effect is quite the same,
however, the output transistors are designed to work alter-
nately by sinking large current spikes.
SPiKe PROTECTION
The
LM4766
is
protected
from
instantaneous
peak-
temperature stressing of the power transistor array. The Safe
Operating graph in the Typical Performance Characteris-
tics section shows the area of device operation where
SPiKe Protection Circuitry is not enabled. The waveform to
the right of the SOA graph exemplifies how the dynamic
protection will cause waveform distortion when enabled.
Please refer to AN-898 for more detailed information.
THERMAL PROTECTION
The LM4766 has a sophisticated thermal protection scheme
to prevent long-term thermal stress of the device. When the
temperature on the die reaches 165˚C, the LM4766 shuts
down. It starts operating again when the die temperature
drops to about 155˚C, but if the temperature again begins to
rise, shutdown will occur again at 165˚C. Therefore, the
device is allowed to heat up to a relatively high temperature
if the fault condition is temporary, but a sustained fault will
cause the device to cycle in a Schmitt Trigger fashion be-
tween the thermal shutdown temperature limits of 165˚C and
155˚C. This greatly reduces the stress imposed on the IC by
thermal cycling, which in turn improves its reliability under
sustained fault conditions.
Since the die temperature is directly dependent upon the
heat sink used, the heat sink should be chosen such that
thermal shutdown will not be reached during normal opera-
tion. Using the best heat sink possible within the cost and
space constraints of the system will improve the long-term
reliability of any power semiconductor device, as discussed
in the Determining the Correct Heat Sink Section.
DETERMlNlNG MAXIMUM POWER DISSIPATION
Power dissipation within the integrated circuit package is a
very important parameter requiring a thorough understand-
ing if optimum power output is to be obtained. An incorrect
maximum power dissipation calculation may result in inad-
equate heat sinking causing thermal shutdown and thus
limiting the output power.
Equation (1) exemplifies the theoretical maximum power
dissipation point of each amplifier where V
CC is the total
supply voltage.
P
DMAX =VCC
2/2
π2R
L
(1)
Thus by knowing the total supply voltage and rated output
load, the maximum power dissipation point can be calcu-
lated. The package dissipation is twice the number which
results from Equation (1) since there are two amplifiers in
each LM4766. Refer to the graphs of Power Dissipation
versus Output Power in the Typical Performance Charac-
teristics section which show the actual full range of power
dissipation not just the maximum theoretical point that re-
sults from Equation (1).
DETERMINING THE CORRECT HEAT SINK
The choice of a heat sink for a high-power audio amplifier is
made entirely to keep the die temperature at a level such
that the thermal protection circuitry does not operate under
normal circumstances.
The thermal resistance from the die (junction) to the outside
air (ambient) is a combination of three thermal resistances,
θ
JC,
θ
CS, and
θ
SA. In addition, the thermal resistance,
θ
JC
(junction to case), of the LM4766T is 1˚C/W. Using Thermal-
loy Thermacote thermal compound, the thermal resistance,
θ
CS (case to sink), is about 0.2˚C/W. Since convection heat
flow (power dissipation) is analogous to current flow, thermal
resistance is analogous to electrical resistance, and tem-
perature drops are analogous to voltage drops, the power
dissipation out of the LM4766 is equal to the following:
P
DMAX =(TJMAX−TAMB)/
θ
JA
(2)
where T
JMAX = 150˚C, TAMB is the system ambient tempera-
ture and
θ
JA =
θ
JC +
θ
CS +
θ
SA.
10092852
Once the maximum package power dissipation has been
calculated using Equation (1), the maximum thermal resis-
tance,
θ
SA, (heat sink to ambient) in ˚C/W for a heat sink can
be calculated. This calculation is made using Equation (3)
which is derived by solving for
θ
SA in Equation (2).
θ
SA = [(TJMAX−TAMB)−PDMAX(
θ
JC +
θ
CS)]/PDMAX
(3)
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com