Electronic Components Datasheet Search
  English  ▼

X  

LM4782 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4782
Description  Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4782 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4782 Datasheet HTML 15Page - National Semiconductor (TI) LM4782 Datasheet HTML 16Page - National Semiconductor (TI) LM4782 Datasheet HTML 17Page - National Semiconductor (TI) LM4782 Datasheet HTML 18Page - National Semiconductor (TI) LM4782 Datasheet HTML 19Page - National Semiconductor (TI) LM4782 Datasheet HTML 20Page - National Semiconductor (TI) LM4782 Datasheet HTML 21Page - National Semiconductor (TI) LM4782 Datasheet HTML 22Page - National Semiconductor (TI) LM4782 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Application Information (Continued)
amplifier than the equivalent impedance on the two amplifi-
ers in parallel will reduce total IC package power dissipation
reducing the heat sink size requirement.
BI-AMP AND TRI-AMP APPLICATIONS
Bi-amping is the practice of using two different amplifiers to
power the individual drivers in a speaker enclosure. For
example, a two-way speaker enclosure might have a tweeter
and a subwoofer. One amplifier would drive the tweeter and
another would drive the subwoofer. One advantage is that
the gain of each amplifier can be adjusted for the different
driver sensitivities. Another advantage is the crossover can
be designed before the amplifier stages with low cost op
amps instead of large passive components. With the cross-
over before the amplifier stages no power is wasted in the
passive crossover as each individual amplifier provides the
correct frequencies for the driver. Tri-Amping is using three
different amplifier stages in the same way bi-amping is done.
Bi-amping can also be done on a three-way speaker design
by using one amplifier for the subwoofer and another for the
midrange and tweeter.
The LM4782 is perfectly suited for bi-amp or tri-amp appli-
cations with it’s three amplifiers. Two of the amplifiers can be
configured for bridge or parallel mode to drive a subwoofer
with the third amplifier driving the tweeter or tweeter and
midrange. An example would be to use a 4
Ω subwoofer and
8
Ω tweeter/midrange with the LM4782 in parallel and single-
ended modes. Each amplifier would see an 8
Ω load but the
subwoofer would have twice the output power as the
tweeter/midrange. The gain of each amplifier may also be
adjusted for the desired response. Using the LM4782 in a
tri-amp configuration would allow the gain of each amplifier
to be adjusted to achieve the desired speaker response.
SINGLE-SUPPLY AMPLIFIER APPLICATION
The typical application of the LM4782 is a split supply am-
plifier. But as shown in Figure 4, the LM4782 can also be
used in a single power supply configuration. This involves
using some external components to create a half-supply bias
which is used as the reference for the inputs and outputs.
Thus, the signal will swing around half-supply much like it
swings around ground in a split-supply application. Along
with proper circuit biasing, a few other considerations must
be accounted for to take advantage of all of the LM4782
functions, like the mute function.
The LM4782 possesses a mute and standby function with
internal logic gates that are half-supply referenced. Thus, to
enable either the Mute or Standby function, the voltage at
these pins must be a minimum of 2.5V above half-supply. In
single-supply systems, devices such as microprocessors
and simple logic circuits used to control the mute and
standby functions, are usually referenced to ground, not
half-supply. Thus, to use these devices to control the logic
circuitry of the LM4782, a “level shifter,” like the one shown in
Figure 6, must be employed. A level shifter is not needed in
a split-supply configuration since ground is also half-supply.
When the voltage at the Logic Input node is 0V, the 2N3904
is “off” and thus resistor R
c pulls up mute or standby input to
the supply. This enables the mute or standby function. When
the Logic Input is 5V, the 2N3904 is “on” and consequently,
the voltage at the collector is essentially 0V. This will disable
the mute or standby function, and thus the amplifier will be in
its normal mode of operation. R
shift, along with Cshift, creates
an RC time constant that reduces transients when the mute
or standby functions are enabled or disabled. Additionally,
R
shift limits the current supplied by the internal logic gates of
the LM4782 which insures device reliability. Refer to the
Mute Mode and Standby Mode sections in the Application
Information section for a more detailed description of these
functions.
CLICKS AND POPS
In the typical application of the LM4782 as a split-supply
audio power amplifier, the IC exhibits excellent “click” and
“pop” performance when utilizing the mute and standby
modes. In addition, the device employs Under-Voltage Pro-
tection, which eliminates unwanted power-up and power-
down transients. The basis for these functions are a stable
and constant half-supply potential. In a split-supply applica-
tion, ground is the stable half-supply potential. But in a
single-supply application, the half-supply needs to charge up
at the same rate as the supply rail, V
CC. This makes the task
of attaining a clickless and popless turn-on more challeng-
ing. Any uneven charging of the amplifier inputs will result in
output clicks and pops due to the differential input topology
of the LM4782.
To achieve a transient free power-up and power-down, the
voltage seen at the input terminals should be ideally the
same. Such a signal will be common-mode in nature, and
will be rejected by the LM4782. In Figure 4, the resistor R
INP
serves to keep the inputs at the same potential by limiting the
voltage difference possible between the two nodes. This
should significantly reduce any type of turn-on pop, due to an
uneven charging of the amplifier inputs. This charging is
based on a specific application loading and thus, the system
designer may need to adjust these values for optimal perfor-
mance.
As shown in Figure 4, the resistors labeled R
BI help bias up
the LM4782 off the half-supply node at the emitter of the
2N3904. But due to the input and output coupling capacitors
in the circuit, along with the negative feedback, there are two
different values of R
BI, namely 10k
Ω and 200kΩ. These
resistors bring up the inputs at the same rate resulting in a
popless turn-on. Adjusting these resistors values slightly
may reduce pops resulting from power supplies that ramp
extremely quick or exhibit overshoot during system turn-on.
200811D9
FIGURE 6. Level Shift Circuit
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com