Electronic Components Datasheet Search
  English  ▼

X  

LM4782 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4782
Description  Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4782 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4782 Datasheet HTML 1Page - National Semiconductor (TI) LM4782 Datasheet HTML 2Page - National Semiconductor (TI) LM4782 Datasheet HTML 3Page - National Semiconductor (TI) LM4782 Datasheet HTML 4Page - National Semiconductor (TI) LM4782 Datasheet HTML 5Page - National Semiconductor (TI) LM4782 Datasheet HTML 6Page - National Semiconductor (TI) LM4782 Datasheet HTML 7Page - National Semiconductor (TI) LM4782 Datasheet HTML 8Page - National Semiconductor (TI) LM4782 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage |V
+|+|V-|
(No Signal)
66V
Supply Voltage |V
+|+|V-|
(Input Signal)
64V
Common Mode Input Voltage
(V
+ or V-) and
|V
+|+|V-|
≤ 54V
Differential Input Voltage (Note 13)
54V
Output Current
Internally Limited
Power Dissipation (Note 3)
125W
ESD Susceptability (Note 4)
2.0kV
ESD Susceptability (Note 5)
200V
Junction Temperature (T
JMAX) (Note 9)
150˚C
Soldering Information
TA Package (10 seconds)
260˚C
Storage Temperature
-40˚C to +150˚C
Thermal Resistance
θ
JA
30˚C/W
θ
JC
1.0˚C/W
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−20˚C
≤ T
A
≤ +85˚C
Supply Voltage |V
+|+|V-|
20V
≤ V
TOTAL
≤ 64V
Note: Operation is guaranteed up to 64V; however, distor-
tion may be introduced from SPiKe protection circuitry if
proper thermal considerations are not taken into account.
Refer to the Thermal Considerations section for more
information.
Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
+ = +25V, V- = −25V, and R
L =8
Ω unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4782
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
|V
+|+|V-|
Power Supply Voltage
(Note 10)
GND−V
-
≥ 9.5V
18
20
64
V (min)
V (max)
V
M
Mute Attenuation
V
MUTE = 2.5V
115
80
dB (min)
P
O
Output Power (RMS)
THD+N = 0.5% (max)
f = 1kHz; f = 20kHz
|V
+|=|V-| = 19V, R
L =4
Ω
|V
+|=|V-| = 22V, R
L =6
Ω
|V
+|=|V-| = 25V, R
L =8
Ω
20
23
25
15
20
20
W (min)
W (min)
W (min)
THD+N
Total Harmonic Distortion +
Noise
P
O = 15W, f = 20Hz - 20kHz
A
V = 26dB
|V
+|=|V-| = 19V, R
L =4
Ω
|V
+|=|V-| = 22V, R
L =6
Ω
|V
+|=|V-| = 25V, R
L =8
Ω
0.4
0.3
0.2
%
%
%
X
talk
Channel Separation (Note 11)
P
O = 10W, f = 1kHz
70
dB
P
O = 10W, f = 10kHz
60
dB
SR
Slew Rate
V
IN = 1.414VRMS,trise = 2ns
18
12
V/µs (min)
I
DD
Total Quiescent Power Supply
Current
V
CM = 0V, VO = 0V, IO =0A
V
STANDBY = GND, Standby = Off
V
STANDBY = 5V, Standby = On
75
8
120
10
mA (max)
mA (max)
V
OS
Input Offset Voltage
V
CM = 0V, IO = 0mA
2.0
15
mV (max)
I
B
Input Bias Current
V
CM = 0V, IO = 0mA
0.2
0.5
µA (max)
I
O
Output Current Limit
|V
+|=|V-| = 10V, t
ON = 10ms, VO = 0V
3.5
2.9
A (min)
V
OD
Output Dropout Voltage
(Note 12)
|V
+ -V
O|, V
+ = 20V, I
O = +100mA
|V
O -V
-|, V- = -20V, I
O = -100mA
1.8
2.5
2.3
3.2
V (max)
V (max)
PSRR
Power Supply Rejection Ratio
(Note 15)
V
+ = 25V to 10V, V- = -25V
V
CM = 0V, IO = 0mA
115
85
dB (min)
V
+ = 25V, V- = -25V to -10V
V
CM = 0V, IO = 0mA
110
85
dB (min)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com