Electronic Components Datasheet Search
  English  ▼

X  

LM4782 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4782
Description  Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4782 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4782 Datasheet HTML 1Page - National Semiconductor (TI) LM4782 Datasheet HTML 2Page - National Semiconductor (TI) LM4782 Datasheet HTML 3Page - National Semiconductor (TI) LM4782 Datasheet HTML 4Page - National Semiconductor (TI) LM4782 Datasheet HTML 5Page - National Semiconductor (TI) LM4782 Datasheet HTML 6Page - National Semiconductor (TI) LM4782 Datasheet HTML 7Page - National Semiconductor (TI) LM4782 Datasheet HTML 8Page - National Semiconductor (TI) LM4782 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM4782 Overture™ Audio Power Amplifier Series
3 Channel 25W Audio Power Amplifier with Mute and
Standby
General Description
The LM4782 is a three channel audio amplifier capable of
typically delivering 25W per channel of continuous average
output power into an 8
Ω load with less than 0.5% THD+N
from 20Hz - 20kHz.
The LM4782 is fully protected utilizing National’s Self Peak
Instantaneous Temperature (˚Ke) (SPiKe
TM) protection cir-
cuitry. SPiKe provides a dynamically optimized Safe Operat-
ing Area (SOA). SPiKe protection completely safeguards the
LM4782’s outputs against over-voltage, under-voltage, over-
loads, shorts to the supplies or GND, thermal runaway and
instantaneous temperature peaks. The advanced protection
features of the LM4782 places it in a class above discrete
and hybrid amplifiers.
Each amplifier of the LM4782 has an independent smooth
transition fade-in/out mute and a power conserving standby
mode. The mute and standby modes can be controlled by
external logic.
The LM4782 can easily be configured for bridge or parallel
operation for higher power and bi-amp solutions.
Key Specifications
j Output Power/Channel with 0.5% THD+N,
1kHz into 8
Ω
25W (typ)
j THD+N at 3x15W into 8
Ω (20Hz - 20kHz) 0.2% (typ)
j THD+N at 3x15W into 6
Ω (20Hz - 20kHz) 0.3% (typ)
j THD+N at 3x15W into 4
Ω (20Hz - 20kHz) 0.4% (typ)
j Mute Attenuation
115dB (typ)
j PSRR
85dB (min)
j Slew Rate
18V/µs (typ)
Features
n
SPiKe Protection
n
Low external component count
n
Quiet fade-in/out mute mode
n
Low power standby mode
n
Wide supply range: 20V - 64V
n
Signal-to-Noise Ratio
≥ 98dB (ref. to P
O = 1W)
Applications
n
Audio amplifier for component stereo
n
Audio amplifier for compact stereo
n
Audio amplifier for home theater in a box (HTB)
n
Audio amplifier for self-powered speakers
n
Audio amplifier for high-end and HD TVs
Typical Application
SPiKe™ Protection and Overture™ are trademarks of National Semiconductor Corporation.
200811D2
FIGURE 1. Typical Audio Amplifier Application Circuit
March 2006
© 2006 National Semiconductor Corporation
DS200811
www.national.com


Similar Part No. - LM4782

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4782 TI1-LM4782 Datasheet
1Mb / 32P
Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782 Datasheet
1Mb / 33P
Audio Power Amplifier Series
logo
National Semiconductor ...
LM4782TA NSC-LM4782TA Datasheet
1Mb / 26P
3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4782TA/NOPB TI1-LM4782TA/NOPB Datasheet
1Mb / 33P
Audio Power Amplifier Series
More results

Similar Description - LM4782

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782_14 Datasheet
1Mb / 32P
Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com