Electronic Components Datasheet Search
  English  ▼

X  

LM4888 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4888
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4888 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4888 Datasheet HTML 2Page - National Semiconductor (TI) LM4888 Datasheet HTML 3Page - National Semiconductor (TI) LM4888 Datasheet HTML 4Page - National Semiconductor (TI) LM4888 Datasheet HTML 5Page - National Semiconductor (TI) LM4888 Datasheet HTML 6Page - National Semiconductor (TI) LM4888 Datasheet HTML 7Page - National Semiconductor (TI) LM4888 Datasheet HTML 8Page - National Semiconductor (TI) LM4888 Datasheet HTML 9Page - National Semiconductor (TI) LM4888 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical Characteristics for Single-Ended Operation (3V) (Notes 3, 7, 13)
The following specifications apply for V
DD = 3V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4888
Units
(Limits)
Typical
Limit
(Note 8)
(Note 9)
P
O
Output Power
THD+N = 0.5%,f=1 kHz, R
L =32
Ω
35
mW
THD+N
Total Harmonic Distortion+Noise
P
O = 25mW, 1kHz, RL =32
Ω
.015
%
PSRR
Power Supply Rejection Ratio
Input Unterminated, 217Hz
V
ripple = 200mVp-p
C
6= 1µF, RL =32
Ω
71
dB
Input Unterminated, 1kHz
V
ripple = 200mVp-p
C
6= 1µF, RL =32
Ω
79
dB
Input grounded, 217Hz
V
ripple = 200mVp-p
C
6= 1µF, RL =32
Ω
65
dB
Input grounded, 1kHz
V
ripple = 200mVp-p
C
6= 1µF, RL =32
Ω
72
dB
X
TALK
Channel Separation
f = 1kHz, C
6 = 1.0µF, 3D Control = Low
80
dB
V
NO
Output Noise Voltage
1kHz, A-weighted
11
µV
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device operates within the Operating Ratings. Specifications are not guaranteed for parameters where
no limit is given. The typical value however, is a good indication of device performance.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −T A)/θJA. For the LM4888SQ, TJMAX = 150˚C.
Note 5: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 6: Machine model, 200pF–220pF discharged through all pins.
Note 7: All voltages are measured with respect to the ground (GND) pins, unless otherwise specified.
Note 8: Typicals are specified at 25˚C and represent the parametric norm.
Note 9: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 10: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Note 11: Output power is measured at the device terminals.
Note 12: When driving 3
Ω or 4Ω loads and operating on a 5V supply, the LM4888SQ must be mounted to a circuit board that has a minimum of 2.5in2 of exposed,
uninterrupted copper area connected to the SQ package’s exposed DAP.
Note 13: All measurements taken from Applications Diagram (Figure 1).
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com