Electronic Components Datasheet Search
  English  ▼

X  

LM4888 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4888
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4888 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4888 Datasheet HTML 1Page - National Semiconductor (TI) LM4888 Datasheet HTML 2Page - National Semiconductor (TI) LM4888 Datasheet HTML 3Page - National Semiconductor (TI) LM4888 Datasheet HTML 4Page - National Semiconductor (TI) LM4888 Datasheet HTML 5Page - National Semiconductor (TI) LM4888 Datasheet HTML 6Page - National Semiconductor (TI) LM4888 Datasheet HTML 7Page - National Semiconductor (TI) LM4888 Datasheet HTML 8Page - National Semiconductor (TI) LM4888 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM4888
Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D
Enhancement
General Description
The LM4888 is a dual bridge-connected audio power ampli-
fier which, when connected to a 5V supply, will deliver 2.1W
toa4
Ω load (Note 1) or 2.4W to a 3Ω load (Note 2) with less
than 1.0% THD+N.
A user selectable “National 3D Enhancement” mode pro-
vides enhanced stereo imaging.
The LM4888SQ also has two separate HP (headphone)
enable inputs, each having different logic level thresholds.
Either HP enable input activates the single ended head-
phone mode and disables the BTL output mode. The HP
Sense input is for use with a normal stereo headphone jack.
The remaining input, HP Logic, accepts standard logic level
thresholds.
Boomer audio power amplifiers were designed specifically to
provide high quality output power from a surface mount
package while requiring few external components. To sim-
plify audio system design, the LM4888SQ combines dual
bridge speaker amplifiers and stereo headphone amplifiers
on one chip.
The LM4888SQ features a low-power consumption shut-
down mode and thermal shutdown protection. It also utilizes
circuitry to reduce “clicks and pops” during device turn-on.
Note 1: An LM4888SQ that has been properly mounted to a circuit board
will deliver 2.1W into 4
Ω. See the Application Information sections for further
information concerning the LM4888SQ.
Note 2: An LM4888SQ that has been properly mounted to a circuit board
and forced-air cooled will deliver 2.4W into 3
Ω.
Key Specifications
j PO at 1% THD+N, VDD =5V
R
L =3
Ω
2.4W (typ)
R
L =4
Ω
2.1W (typ)
R
L =8
Ω
1.3W (typ)
j Single-ended mode THD+N
at 75mW into 32
Ω (5V, 1kHz)
0.01% (typ)
j Shutdown current
0.04µA (typ)
j Supply voltage range
2.7V to 5.5V
j PSRR at 217Hz
85dB (typ)
Features
n
National 3D Enhancement
n
Selectable headphone enable modes
n
Stereo headphone amplifier mode
n
Improved “click and pop” suppression circuitry
n
Thermal shutdown protection circuitry
n
PCB area-saving SQ package
n
Micro power shutdown mode
Applications
n
Cell phones
n
Multimedia monitors
n
Portable and desktop computers
n
Portable audio systems
Connection Diagrams
LM4888SQ
LM4888SQ Top Mark
20111628
Top View
Order Number LM4888SQ
See NS Package Number SQA24A
201116C6
Top View
U = Fab Code
Z = Assembly Plant Code
XY = Date Code
TT = Die Traceability
Boomer® is a registered trademark of National Semiconductor Corporation.
March 2006
© 2006 National Semiconductor Corporation
DS201116
www.national.com


Similar Part No. - LM4888

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4888 NSC-LM4888 Datasheet
1Mb / 22P
Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4888SQ NSC-LM4888SQ Datasheet
1Mb / 22P
Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
More results

Similar Description - LM4888

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
763Kb / 26P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4888 NSC-LM4888 Datasheet
1Mb / 22P
Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
Fangtek Ltd.
FT4888 FANGTEK-FT4888 Datasheet
1Mb / 14P
Dual 2.1W Audio Power Amplifier with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com