Electronic Components Datasheet Search
  English  ▼

X  

LM4888 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4888
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4888 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4888 Datasheet HTML 8Page - National Semiconductor (TI) LM4888 Datasheet HTML 9Page - National Semiconductor (TI) LM4888 Datasheet HTML 10Page - National Semiconductor (TI) LM4888 Datasheet HTML 11Page - National Semiconductor (TI) LM4888 Datasheet HTML 12Page - National Semiconductor (TI) LM4888 Datasheet HTML 13Page - National Semiconductor (TI) LM4888 Datasheet HTML 14Page - National Semiconductor (TI) LM4888 Datasheet HTML 15Page - National Semiconductor (TI) LM4888 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Typical Performance Characteristics (Continued)
Crosstalk
3V, 32
Ω,SE
Crosstalk
5V, 32
Ω,SE
20111612
20111610
Dropout Voltage vs
Supply Voltage
Output Power vs
Supply Voltage
201116C0
201116C2
Open Loop
Frequency Response
Power Dissipation vs
Output Power
201116C1
201116C4
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com