Electronic Components Datasheet Search
  English  ▼

X  

SSM2166S Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2166S
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166S Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2166S Datasheet HTML 5Page - Analog Devices SSM2166S Datasheet HTML 6Page - Analog Devices SSM2166S Datasheet HTML 7Page - Analog Devices SSM2166S Datasheet HTML 8Page - Analog Devices SSM2166S Datasheet HTML 9Page - Analog Devices SSM2166S Datasheet HTML 10Page - Analog Devices SSM2166S Datasheet HTML 11Page - Analog Devices SSM2166S Datasheet HTML 12Page - Analog Devices SSM2166S Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. B
SSM2166
–9–
INPUT – dB
VDE
VRP
VCA GAIN
1
1
r:1
Figure 8. Effect of Varying the VCA Gain Setting
The gain of the VCA can be reduced below 0 dB by making
RGAIN smaller than 1 k
Ω. Switching Pin 2 through 330 Ω or less
to ground will mute the output. Either a switch connected to
ground or a transistor may be used, as shown in Figure 9. To
avoid audible “clicks” when using this mute feature, a capacitor
(C5 in figure) can be connected from Pin 2 to GND. The value
of the capacitor is arbitrary and should be determined empiri-
cally, but a 0.01
µF capacitor is a good starting value.
GAIN
ADJUST
C5
RGAIN
330
MUTE
(CLOSED SWITCH)
NOTE: ADDITIONAL CIRCUIT DETAILS
OMITTED FOR CLARITY.
SSM2166
2
Figure 9. Details of SSM2166 Mute Option
Downward Expansion Threshold
The downward expansion, or noise gate, threshold is deter-
mined via a second reference voltage internal to the control
circuitry. This second reference can be varied in the SSM2166
using a resistor, RGATE, connected between the positive supply
and the NOISE GATE SET pin (Pin 9) of the SSM2166. The
effect of varying this threshold is shown in Figure 10. The
downward expansion threshold may be set between 300
µV rms
and 20 mV rms by varying the resistance value between Pin 9
and the supply voltage. Like the ROTATION PT ADJUST, the
downward expansion threshold is inversely proportional to the
value of this resistance: setting this resistance to 1 M
Ω sets
the threshold at approximately 250
µV rms, whereas a 10 kΩ
resistance sets the threshold at approximately 20 mV rms. This
relationship is illustrated in TPC 2. A potentiometer network
is provided on the evaluation board for this adjustment. In
general, the downward expansion threshold should be set at the
lower extreme of the desired range of the input signals, so that
signals below this level will be attenuated.
VCA GAIN
INPUT – dB
VDE1
VRP
VDE3
VDE2
1
1
r:1
Figure 10. Effect of Varying the Downward
Expansion (Noise Gate) Threshold
Power-Down Feature
The supply current of the SSM2166 can be reduced to under
100
µA by applying an active high, 5 V CMOS compatible input
to the SSM2166’s POWER DOWN pin (Pin 12). In this state,
the input and output circuitry of the SSM2166 will assume a
high impedance state; as such, the potentials at the input pin
and the output pin will be determined by the external circuitry
connected to the SSM2166. The SSM2166 takes approximately
200 ms to settle from a POWER-DOWN to POWER-ON com-
mand. For POWER-ON to POWER-DOWN, the SSM2166
requires more time, typically less than 1 second. Cycling the
power supply to the SSM2166 can result in quicker settling
times: the off-to-on settling time of the SSM2166 is less than
200 ms, while the on-to-off settling time is less than 1 ms. In
either implementation, transients may appear at the output of
the device. To avoid these output transients, use mute control
of the VCA’s gain as previously mentioned.
PC Board Layout Considerations
Since the SSM2166 is capable of wide bandwidth operation and
can be configured for as much as 80 dB of gain, special care
must be exercised in the layout of the PC board that contains
the IC and its associated components. The following applica-
tions hints should be considered and/or followed:
(1) In some high system gain applications, the shielding of input
wires to minimize possible feedback from the output of the
SSM2166 back to the input circuit may be necessary.
(2) A single-point (“star”) ground implementation is recom-
mended in addition to maintaining short lead lengths and PC
board runs. The evaluation board layout shown in Figure 13 for
the SSM2166 demonstrates the single-point grounding scheme.
In applications where an analog ground and a digital ground are
available, the SSM2166 and its surrounding circuitry should be
connected to the system’s analog ground. As a result of these
recommendations, wire-wrap board connections and grounding
implementations are to be explicitly avoided.
(3) The internal buffer of the SSM2166 was designed to drive
only the input of the internal VCA and its own feedback net-
work. Stray capacitive loading to ground from the BUFOUT pin
in excess of 5 pF to 10 pF can cause excessive phase shift and
can lead to circuit instability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com