Electronic Components Datasheet Search
  English  ▼

X  

SSM2166S Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2166S
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166S Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2166S Datasheet HTML 7Page - Analog Devices SSM2166S Datasheet HTML 8Page - Analog Devices SSM2166S Datasheet HTML 9Page - Analog Devices SSM2166S Datasheet HTML 10Page - Analog Devices SSM2166S Datasheet HTML 11Page - Analog Devices SSM2166S Datasheet HTML 12Page - Analog Devices SSM2166S Datasheet HTML 13Page - Analog Devices SSM2166S Datasheet HTML 14Page - Analog Devices SSM2166S Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. B
SSM2166
–11–
Figure 13a. Evaluation Board Topside Silkscreen
(Not to Scale)
Figure 13b. Evaluation Board Topside
Metallization (Not to Scale)
Figure 13c. Evaluation Board Backside
Metallization (Not to Scale)
Signal sources are connected to the SSM2166 through a 1/8"
phone jack where a 0.1
µF capacitor couples the input signal to
the SSM2166’s +IN pin (Pin 7). As shown in Figure 12 and in
microphone applications, the phone jack shield can be option-
ally connected to the board’s ground plane (Jumper J1 inserted
into board socket pins labeled “1” and “2”) or to the SSM2166’s
VCAR input at Pin 4 (Jumper J1 inserted into board socket pins
labeled “1” and “3”). If the signal source is a waveform or function
generator, the phone jack shield is to be connected to ground.
For ease in making adjustments for all of the SSM2166’s
configuration parameters, single-turn potentiometers are used
throughout. Optional Jumper J2 connects the COMP RATIO
pin to ground and sets the SSM2166 for no compression (that
is, compression ratio = 1:1). Optional Jumper J3 connects the
SSM2166’s POWER DOWN input to ground for normal
operation. Jumper J3 can be replaced by an open-drain logic
buffer for a digitally controlled shutdown function. An output
signal mute function can be implemented on the SSM2166 by
connecting the GAIN ADJUST pin (Pin 2) through a 330
Ω
resistance to ground. This is provided on the evaluation board
via R11 and S1. A capacitor C5, connected between Pin 2 and
ground and provided on the evaluation board, can be used to
avoid audible “clicks” when using the mute function.
To configure the SSM2166’s input buffer for gain, provisions
for R1, R2, and C2 have been included. To configure the input
buffer for unity-gain operation, R1 and R2 are removed, and a
direct connection is made between the –IN pin (Pin 6) and the
BUFOUT pin (Pin 5) of the SSM2166.
The output stage of the SSM2166 is capable of driving
>1 V rms (3 V p-p) into >5 k
Ω loads, and is externally available
through an RCA phono jack provided on the board. If the output
of the SSM2166 is required to drive a lower load resistance or
an audio cable, then the on-board OP113 can be used. To use
the OP113 buffer, insert Jumper J4 into board socket pins
labeled “4” and “5” and insert Jumper J5 into board socket pins
labeled “6” and “7.” If the output buffer is not required,
remove Jumper J5 and insert Jumper J4 into board socket pins
“5” and “7.” There are no blocking capacitors either on the
input nor at the output of the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com