Electronic Components Datasheet Search
  English  ▼

X  

SSM2166S Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2166S
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166S Datasheet(HTML) 3 Page - Analog Devices

  SSM2166S Datasheet HTML 1Page - Analog Devices SSM2166S Datasheet HTML 2Page - Analog Devices SSM2166S Datasheet HTML 3Page - Analog Devices SSM2166S Datasheet HTML 4Page - Analog Devices SSM2166S Datasheet HTML 5Page - Analog Devices SSM2166S Datasheet HTML 6Page - Analog Devices SSM2166S Datasheet HTML 7Page - Analog Devices SSM2166S Datasheet HTML 8Page - Analog Devices SSM2166S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. B
SSM2166
–3–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1GND
Ground
2
GAIN ADJUST
VCA Gain Adjust Pin. A resistor from this pin to ground sets the fixed gain of the VCA.
To check the setting of this pin, make sure the compression pin (Pin 10) is grounded for
no compression. The gain can be varied from 0 dB to 20 dB. For 20 dB, leave the pin
open. For 0 dB of fixed gain, a typical resistor value is approximately 1 k
Ω. For 10 dB
of fixed gain, the resistor value is approximately 2 k
Ω to 3 kΩ. For resistor values <1 kΩ,
the VCA can attenuate or mute. Refer to TPC 4.
3
VCAIN
VCA Input Pin. A typical connection is a 10
µF capacitor from the buffer output pin
(Pin 5) to this pin.
4
VCAR
Inverting Input to the VCA. This input can be used as a nonground reference for the
audio input signal (see Application Information).
5
BUF OUT
Input Buffer Amplifier Output Pin. Must not be loaded by capacitance to ground.
6
–IN
Inverting Input to the Buffer. A 10 k
Ω feedback resistor R1 from the buffer output Pin 5
to this input pin, and a resistor R2, from this pin through a 1
µF capacitor to ground gives
gains of 6 dB to 20 dB for R2 = 10 k
Ω to 1.1 kΩ.
7
AUDIO +IN
Input Audio Signal. The input signal should be ac-coupled (0.1
µF typical) into this pin.
8
AVG CAP
Detector Averaging Capacitor. A capacitor, 2.2
µF to 22 µF, to ground from this pin is the
averaging capacitor for the detector circuit.
9
NOISE GATE SET
Noise Gate Threshold Set Point. A resistor to V+ sets the level below which input signals
are downward expanded. For a 0.7 mV threshold, the resistor value is approximately
380 k
Ω. Increasing the resistor value reduces the threshold. See TPC 2.
10
COMP RATIO SET
Compression Ratio Set Pin. A resistor to ground from this pin sets the compression ratio
as shown in Figure 1. TPC 3 gives resistor values for various rotation points.
11
ROTATION SET
Rotation Point Set Pin. This is set by a resistor to the positive supply. This resistor together
with the gain adjust pin determines the onset of limiting. A typical value for this resistor is
17 k
Ω for a 100 mV “rotation point.” Increasing the resistor value reduces the level at which
limiting occurs. Refer to TPC 7.
12
POWER DOWN
Power-Down Pin. Connect to ground for normal operation. Connect to positive supply
for power-down mode.
13
OUTPUT
Output Signal
14
V+
Positive Supply, +5 V Nominal
PIN CONFIGURATION
14
13
12
11
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
GND
ROTATION SET
POWER DOWN
OUTPUT
V+
GAIN ADJUST
VCAIN
VCAR
SSM2166
AVG CAP
NOISE GATE SET
COMP RATIO SET
BUF OUT
–IN
AUDIO +IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com