Electronic Components Datasheet Search
  English  ▼

X  

QB-CONN Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # QB-CONN
Description  Quick-Build™ Harness Board System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

QB-CONN Datasheet(HTML) 3 Page - PANDUIT CORP.

  QB-CONN Datasheet HTML 1Page - PANDUIT CORP. QB-CONN Datasheet HTML 2Page - PANDUIT CORP. QB-CONN Datasheet HTML 3Page - PANDUIT CORP. QB-CONN Datasheet HTML 4Page - PANDUIT CORP. QB-CONN Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4
5
Quick-Build™ Screws
Quick-Build™ Single Nail Holder
Quick-Build™ Five Nail Holder
Quick-Build™ Grid Tile Connector
Part
Number
Description
Compatible Harness Board Single
Nail Part Number (see page 5)
Std.
Pkg.
Qty
QB-SN1-Q
Single nail holder to accommodate one 1” nail. White
HBN1-T
25
QB-SN2-Q
Single nail holder to accommodate one 2” nail. Black
HBN2-T
25
QB-SN3-Q
Single nail holder to accommodate one 3” nail. Gray
HBN3-T
25
Part
Number
Description
Compatible Harness Board Single Nail
Part Number (see page 5)
Std.
Pkg.
Qty
QB-FN1-Q
Five nail holder to accommodate up to five 1” nails. White
HBN1-T
25
QB-FN2-Q
Five nail holder to accommodate up to five 2” nails. Black
HBN2-T
25
QB-FN3-Q
Five nail holder to accommodate up to five 3” nails. Gray
HBN3-T
25
Part
Number
Description
Std.
Pkg.
Qty
QB-CONN
Grid tile connector to ensure accurate alignment of Grid System. One package includes five pieces. Black
1 PK
Traditional Harness Board Accessories
Elastic Retainers – Replaceable Version
Part
Number
Description
Compatible QB Components (see pg 4)
Std. Pkg. Qty
HBN1-T
Harness Board Nail - 1” long (1.65” overall).
QB-SN1-Q and QB-FN1-Q
200
HBN2-T
Harness Board Nail - 2” long (2.66” overall).
QB-SN2-Q and QB-FN2-Q
200
HBN3-T
Harness Board Nail - 3” long (3.67” overall).
QB-SN3-Q and QB-FN3-Q
200
Part
Number
Description
Compatible QB Components
(see pages 4, 5)
Std.
Pkg.
Qty
RER.5-S6-X
Elastic retainer with replaceable elastic band. Suitable
for 0.5" maximum bundle capacity.
QB-BASE175-Q and
QB-S6-500-C
10
RER.75-S6-X
Elastic retainer with replaceable elastic band. Suitable
for 0.75" maximum bundle capacity.
10
RER1.25-S6-X
Elastic retainer with replaceable elastic band. Suitable
for 1.25" maximum bundle capacity.
10
RER2.0-S6-X
Elastic retainer with replaceable elastic band. Suitable
for 2.0" maximum bundle capacity.
10
Replacement Elastic
Part Number
Qty
RER.5E-X
10
RER.75E-X
10
RER1.25E-X
10
RER2.0E-X
10
Elastic Retainers
Part
Number
Description
Compatible QB Components
(see pages 4, 5)
Std.
Pkg.
Qty
ER.5-E4-X
Elastic Retainer. Suitable for 0.5" maximum bundle capacity.
QB-BASE175-Q and QB-S6-500-C
10
ER1.25-E4-X
Elastic Retainer. Suitable for 1.25" maximum bundle capacity.
QB-BASE175-Q and QB-S6-500-C
10
Quick-Build™ Harness Board System
Quick-Build™ Harness Board System
Part
Number
Description
Std.
Pkg.
Qty
QB-S6-500-C
#6 screw; 1/2” long
100
QB-S8-500-C
#8 screw; 1/2” long
100
QB-S8-750-C
#8 screw; 3/4” long
100
QB-S25-500-C
1/4” screw; 1/2” long
100
QB-S25-1000-L
1/4” screw; 1” long
50
• Requires the use of Quick-Build mounting pegs to provide a modular solution
• Repositionable, allowing user to build different harness configurations as needed
• Allows the use of up to five harness board nails (sold separately, see page 6)
• Use with nails to create pathways and breakout channels with harness board nails
Panduit harness board accessories have been around for a long time and continue to provide easy routing and
forming of wires in harness fabrication.
• Manufactured from Nickel Plated Steel
• Smooth finish on nails prevents abrasion to wire jackets
• Cable bundles are formed as individual wires are inserted
• Completed bundles can be easily removed
• The elastic band is replaceable
• Cable bundles are formed as individual wires are inserted
• Completed bundles can be easily removed
5
6
Not
Shown
• Requires the use of the Quick-Build mounting pegs to provide a modular solution
• Repositionable, allowing user to build different harness configurations as needed
• Allows the use of harness board nails (sold separately, see page 6)
• Use with single nails to create pathways and breakout channels
• Optional accessory for use with grid tiles to prevent the need for plywood backing
and ensure accurate alignment of grid system
• Recommended for adjacent tiles where corners of two or four tiles come together
Harness Board Nails
8
7
Not
Shown
• Used to secure traditional harness board accessories and test fixtures to Quick-Build™
mounting platform
• Phillips/slot combination screw style
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com