Electronic Components Datasheet Search
  English  ▼

X  

QB-CONN Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # QB-CONN
Description  Quick-Build™ Harness Board System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

QB-CONN Datasheet(HTML) 4 Page - PANDUIT CORP.

  QB-CONN Datasheet HTML 1Page - PANDUIT CORP. QB-CONN Datasheet HTML 2Page - PANDUIT CORP. QB-CONN Datasheet HTML 3Page - PANDUIT CORP. QB-CONN Datasheet HTML 4Page - PANDUIT CORP. QB-CONN Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6
7
Bundle Retainers
Corner Posts
Wire End Holder
Part
Number
Description
Compatible QB Components
(see pages 4, 5)
Std.
Pkg.
Qty
BR.5-E6-C
Bundle Retainer. Suitable for 0.5" maximum bundle capacity.
1.07" standoff height. Black
QB-BASE175-Q and QB-S6-500-L
100
BR.75-E6-C
Bundle Retainer. Suitable for 0.75" maximum bundle capacity.
0.95" standoff height. Black
QB-BASE175-Q and QB-S6-500-L
100
BR2-1.3-X
Bundle Retainer. Suitable for 2.0" maximum bundle capacity.
1.32" standoff height. Black
QB-BASE175-Q and QB-S25-500-L
10
BR2-1.5-X
Bundle Retainer. Suitable for 2.0" maximum bundle capacity.
1.59" standoff height. Black
QB-BASE175-Q and QB-S25-1000-L
10
BR2-4-X
Bundle Retainer. Suitable for 2.0" maximum bundle capacity.
4.06" standoff height. Black
QB-BASE175-Q and QB-S25-1000-L
10
BR2-6-X
Bundle Retainer. Suitable for 2.0" maximum bundle capacity.
6.02" standoff height. Black
QB-BASE175-Q and QB-S25-1000-L
10
Part
Number
Description
Compatible QB Components
(see pages 4, 5)
Std.
Pkg.
Qty
CPH.75-S8-X
Corner post to assist in tight corners of harness systems. 0.75"
maximum bundle diameter. Center of bundle is 1.35" from surface.
QB-BASE120-Q or QB-BASE175-Q
and QB-S8-500-C
10
CPL.75-S8-X
Corner post to assist in tight corners of harness systems. 0.75"
maximum bundle diameter. Center of bundle is 0.56" from surface.
QB-BASE120-Q or QB-BASE175-Q
and QB-S8-500-C
10
Part
Number
Description
Compatible QB Components
(see pages 4, 5)
Std.
Pkg.
Qty
WEH-E8-C
Use to retain end of wire in secure position. Helps when
making terminations or dressing harness.
QB-BASE120-Q or QB-BASE175-Q
and QB-S8-500-C
100
Fanning Strip System
Part
Number
Description
Compatible QB Components
(see pages 4, 5)
Std.
Pkg.
Qty
FSH40-X
Fanning strip holder to elevate FS156 Fanning
Strip 0.62" above surface. 6.00” long. Black
QB-BASE120-Q or QB-BASE175-Q
and QB-S8-500-C
10
FSHH-X
Fanning strip holder to elevate FS156 Fanning
Strip 1.42” above surface. 3.2” long. Black
QB-BASE120-Q or QB-BASE175-Q
and QB-S8-500-C
10
FS156-C
Fanning strip with 76 spaces for wires up
to 18 AWG. 12.1” long and 0.31” tall.
N/A
100
Spring Wire Breakout System
Part
Number
Description
Compatible QB Components
(see pages 4, 5)
Std.
Pkg.
Qty
SHH1-S8-X
Spring Wire Holder that elevates spring 1.3” above surface.
Compatible with PBSC1-X spring. Black
QB-BASE120-Q or QB-BASE175-Q
and QB-S8-500-C
100
SHH3-S8-X
Spring Wire Holder that elevates spring 1.3” above surface.
Compatible with PBSC3-X spring. Black
QB-BASE120-Q or QB-BASE175-Q
and QB-S8-500-C
100
PBSC1-X
Spring compatible with SHH1-S8-X Spring Wire Holder.
NA
10
PBSC3-X
Spring compatible with SHH3-S8-X Spring Wire Holder.
NA
10
PBSC6-X
Spring used independent of Spring Wire Holder. Requires 6” spacing for
mounting. Can be secured directly to Quick-Build Mounting Platform.
QB-BASE175-Q and QB-S25-500-L
10
PBSC12-X
Spring used independent of Spring Wire Holder. Requires 12” spacing for
mounting. Can be secured directly to Quick-Build Mounting Platform.
QB-BASE175-Q and QB-S25-500-L
10
Quick-Build™ Harness Board System
Quick-Build™ Harness Board System
• Funnel entry allows fast cable insertion
• Completed bundles can be easily removed
• Designed to pre-form tight bundles at harness corners and breakouts
• Top arm rotates upward for easy removal of completed harness
• Secures wire ends while harness is being fabricated
• Use with #28 thru #16 AWG wires
• Holds wires in a specific orientation
• No sharp edges to damage wire insulation
• Accepts wires up to 18 AWG
• Fanning strip can remain as part of completed harness
• Harness board spring and spring holder secures wire ends while harness is
being fabricated
• Wires simply pull out from spring when harness is removed
• Each SHH Spring Holder is supplied with one rigid wire piece to hold the spring
laterally and two #8 (M4), 2” (50.8mm) hex head wood screws; purchase
spring separately.
9
Not
Shown
Not
Shown
Not
Shown
Not
Shown



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com