Electronic Components Datasheet Search
  English  ▼

X  

QB-CONN Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # QB-CONN
Description  Quick-Build™ Harness Board System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

QB-CONN Datasheet(HTML) 5 Page - PANDUIT CORP.

  QB-CONN Datasheet HTML 1Page - PANDUIT CORP. QB-CONN Datasheet HTML 2Page - PANDUIT CORP. QB-CONN Datasheet HTML 3Page - PANDUIT CORP. QB-CONN Datasheet HTML 4Page - PANDUIT CORP. QB-CONN Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Quick-Build™ Harness Board System
Complete your harness assembly with:
©2016 Panduit Corp.
ALL RIGHTS RESERVED.
WACB28--SA-ENG
1/2016
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
Automatic Cable Tie Installation Systems and Reel-Fed Cable Ties
• Engineered for high-volume efficiency and operator ease to minimize
installed costs and boost profits
• Reduce reel-change downtime with Panduit continuous, reel-fed cable ties
Automated Termination System
• Speeds the process of indexing and crimping connectors resulting in consistent
quality terminations to minimize installed cost and boost profits
• Choose from a wide selection of molded disconnects, splices, rings, forks,
pins, and ferrules on reels
Identification
• Proper wire harness identification improves quality assurance and ensures
compliance with industry standards
• Desktop printers and labeling software provide fast, high-quality label production
• Available in a wide variety of materials for wire and cable identification, including
heat shrink labels, self-laminating labels, turn-tell labels, and marker plates
Abrasion Protection
• Insulate, protect, and color code wires to help ensure high-quality
performance even in demanding environments
• Choose from Pan-Wrap™, spiral wrap, corrugated loom tubing and braided sleeving, and
heat shrink
Measure your productivity gains:
Fast and easy
die changeovers
save time
crimp cycle time
30%
FASTER
UP TO
than conventional
cable tie installation
systems
6X
FASTER
Wrap, tension and cut cable
ties in less than 1 second
1
SECOND
LESS THAN
Protect from vibration
and environmental factors
Bundle and route wires
and cables efficiently
Reduce time for
labeling by up to 75%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com