Electronic Components Datasheet Search
  English  ▼

X  

OP200 Datasheet(PDF) 5 Page - Analog Devices

Part # OP200
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200 Datasheet(HTML) 5 Page - Analog Devices

  OP200 Datasheet HTML 1Page - Analog Devices OP200 Datasheet HTML 2Page - Analog Devices OP200 Datasheet HTML 3Page - Analog Devices OP200 Datasheet HTML 4Page - Analog Devices OP200 Datasheet HTML 5Page - Analog Devices OP200 Datasheet HTML 6Page - Analog Devices OP200 Datasheet HTML 7Page - Analog Devices OP200 Datasheet HTML 8Page - Analog Devices OP200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
OP200
–5–
ORDERING GUIDE
Package
TA = 25 C
Operating
VOS Max
CERDIP
Temperature
( V)
8-Lead
Plastic
Range
75
OP200AZ
MIL
75
OP200EZ
XIND
200
OP200GP
XIND
200
OP200GS
XIND
200
OP200GS-REEL
XIND
For military processed devices, please refer to the Standard
Microcircuit Drawing (SMD) available at
www.dscc.dla.mil/programs/milspec/default.asp
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±30 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short-Circuit Duration . . . . . . . . . . . . . . Continuous
Storage Temperature Range
P, S, Z-Package . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . 300
°C
Junction Temperature (TJ) . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP200A . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
OP200E . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
OP200G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Package Type
JA
2
JC
Unit
8-Lead CERDIP (Z)
148
16
°C/W
8-Lead Plastic DIP (P)
96
37
°C/W
16-Lead SOIC (S)
92
27
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
JA is specified for worst-case mounting conditions, i.e.,
JA is specified for
device in socket for CERDIP and PDIP packages; JA is specified for device
soldered to printed circuit board for SOIC package.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP200 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
SMD Part Number
ADI Equivalent
5962-8859301M2A
OP200ARCMDA
5962-8859301MPA
OP200AZMDA
1/2
OP200
CHANNEL SEPARATION = 20 LOG
V1
1/2
OP200
V2
50
50k
20Vp-p @ 10Hz
V1
V2/1000
Figure 2. Channel Separation Test Circuit
1/2
OP200
eOUT
1/2
OP200
10k
100
eOUT(nV/ Hz) = 2
eOUT(nV/ Hz)
101
TO SPECTRUM
ANALYZER
Figure 3. Noise Test Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com