Electronic Components Datasheet Search
  English  ▼

X  

OP200 Datasheet(PDF) 10 Page - Analog Devices

Part # OP200
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP200 Datasheet HTML 4Page - Analog Devices OP200 Datasheet HTML 5Page - Analog Devices OP200 Datasheet HTML 6Page - Analog Devices OP200 Datasheet HTML 7Page - Analog Devices OP200 Datasheet HTML 8Page - Analog Devices OP200 Datasheet HTML 9Page - Analog Devices OP200 Datasheet HTML 10Page - Analog Devices OP200 Datasheet HTML 11Page - Analog Devices OP200 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. B
OP200
–10–
Dual Precision Voltage Reference
A dual OP200 and a REF43, a 2.5 V reference, can be used to
build a
± 2.5 V precision voltage reference. Maximum output
current from each reference is
±10 mA with load regulation
under 25
µV/mA. Line regulation is better than 15 µV/V and
output voltage drift is under 20
µV/°C. Output voltage noise
from 0.1 Hz to 10 Hz is typically 75
µV p-p. R1 and D1 ensure
correct start-up.
Programmable High Resolution Window Comparator
The programmable window comparator shown in Figure 9 is
easily capable of 12-bit accuracy over the full military tempera-
ture range. A dual CMOS 12-bit DAC, the DAC8212, is used
in the voltage switching mode to set the upper and lower thresh-
olds (DAC A and DAC B, respectively).
VDD
OUTB
IOUTB
RREFA
AGND
15V
DAC A/DAC B
CS
WR
DAC
CONTROL
SIGNALS
10V
REFERENCE
1/2
OP200AZ
1/2
OP200AZ
4
4
5
7
8
18
19
20
21
24
22
2
2
3
+
–
DAC DATA BUS
PINS 6(MSB) – 17(LSB)
5
1
RREFB
DGND
+
–
DAC A
DAC B
1/2
DAC8212AV
1/2
DAC8212AV
IOUTA
1
–15V
VIN
R3
10k
R4
10k
5V
TTL OUT
D1
1N4148
D2
1N4148
R1
10k
R2
10k
Q1
2N2222
Figure 9. Programmable High Resolution Window Comparator
1/2
OP200AZ
1/2
OP200AZ
R2
10k
–5V
7
6
5
4
2
3
8
R4
5k
–2.5V
–2.5V
6
R3
10k
R1
22k
+5V
REF43A
4
2
D1
1N914
Figure 8. Dual Precision Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com