Electronic Components Datasheet Search
  English  ▼

X  

OP200 Datasheet(PDF) 2 Page - Analog Devices

Part # OP200
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200 Datasheet(HTML) 2 Page - Analog Devices

  OP200 Datasheet HTML 1Page - Analog Devices OP200 Datasheet HTML 2Page - Analog Devices OP200 Datasheet HTML 3Page - Analog Devices OP200 Datasheet HTML 4Page - Analog Devices OP200 Datasheet HTML 5Page - Analog Devices OP200 Datasheet HTML 6Page - Analog Devices OP200 Datasheet HTML 7Page - Analog Devices OP200 Datasheet HTML 8Page - Analog Devices OP200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
OP200–SPECIFICATIONS
(VS =
±15 V, TA = 25 C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
OP200A/E
OP200G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
25
75
80
200
µV
Long-Term Input
Voltage Stability
0.1
0.1
µV/mo
Input Offset Current
IOS
VCM = 0 V
0.05
1.0
0.05
3.5
nA
Input Bias Current
IB
VCM = 0 V
0.1
2.0
0.1
5.0
nA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.5
0.5
µV
p-p
Input Noise
en
fO = 10 Hz
22
36
22
nV/
√Hz
Voltage Density
*
fO = 1000 Hz
11
18
11
Input Noise Current
in p-p
0.1 Hz to 10 Hz
15
15
pAp-p
Input Noise
Current Density
in
fO = 10 Hz
0.4
0.4
pA/
√Hz
Input Resistance
Differential Mode
RIN
10
10
M
Ω
Input Resistance
Common Mode
RINCM
125
125
G
Ω
Large Signal
AVO
VO –
±10 V
Voltage Gain
RL = 10 k
Ω
5000
12000
3000
7000
RL = 2 k
Ω
2000
3700
1500
3200
M/mV
*Sample tested.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com