Electronic Components Datasheet Search
  English  ▼

X  

SCU250 Datasheet(PDF) 7 Page - Bogen Communications LLC

Part # SCU250
Description  BOGEN MICROPHONES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

SCU250 Datasheet(HTML) 7 Page - Bogen Communications LLC

  SCU250 Datasheet HTML 1Page - Bogen Communications LLC SCU250 Datasheet HTML 2Page - Bogen Communications LLC SCU250 Datasheet HTML 3Page - Bogen Communications LLC SCU250 Datasheet HTML 4Page - Bogen Communications LLC SCU250 Datasheet HTML 5Page - Bogen Communications LLC SCU250 Datasheet HTML 6Page - Bogen Communications LLC SCU250 Datasheet HTML 7Page - Bogen Communications LLC SCU250 Datasheet HTML 8Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Accessories
MAC - Microphone Cable Assembly
• For handheld models
• Female XLR to stripped and tinned wires
• 25' cable
• 2-conductor plus shield
• 1 lb.
MSM - Shock-Isolated Microphone Base
• For GCU250 and GDU150
• Provides superior mechanical noise and vibration isolation
• Lightweight ABS material housing
• XLR (female) connector
• Thick shock-absorbing rubber cushion
• Ideal fixture for boardrooms, conference rooms, pulpits,
podiums, and newsrooms
•4-
3/4" W x 1-3/4" H x 4" D, 6 ounces
SB6 - Floor Boom Stand
• Telescopic floor stand
• Sliding 30" boom arm
• 34" to 62" adjustable height, 6 lb.
• Chrome-plated tubing
• Tripod base
SF4 Floor Stand
• 34" to 62" adjustable height
• Round 10" diameter die cast base, 9 lb.
• Grip-action clutch and chrome-plated tubing
DS3 - Desk Stand
• 3" chrome-finish tube, 4" high with base
• 6" diameter cast iron base, 3 lb.
MC27 - Handheld Clip
• For handheld models
• Black, flexible, impact-resistant plastic
XLR25 - Microphone Cable
• For handheld models
• Male XLR to female XLR
• 25' cable
• 2-conductor plus shield
• 12 oz.
Description
The HDU150 is an attractive, dynamic, all-
purpose microphone ideally suited for a
wide variety of vocal and sound reinforce-
ment applications.
Features
• Cardioid pickup pattern
• Crisp, clear sound
• Wide dynamic range with high-end sparkle and minimum
feedback
• Rigid, low noise cable-mount system
• Low sensitivity to breath and popping sounds
• Durable ball-shaped design
• Rubber shock-mount system for attenuation of handling and
cable noise
• Lockable, silent on/off reed switch
• Includes mic clip
Specifications
MIC Type:
Handheld
Element:
Moving coil dynamic
Polar Pattern:
Cardioid
Impedance:
500-ohm
Frequency Response:
70 Hz to 15 kHz
Sensitivity*:
-70 dB +/- 3dB
S/N Ratio:
>65 dB
Connector:
XLR Male
Switch:
With sliding-type on/off switch
(lockable, silent reed switch)
Dimensions:
6-
1/2" D x 1-1/2" Dia.
Product Weight:
13 oz.
Material:
Zinc die cast
Finish:
Rubberized black finish
* (0dB=1V/μ BAR 1,000 Hz indicated by open circuit)
HDU
150 - Handheld Stage
Polar Graph
Frequency Response Graph
CABLES
CLIPS
STANDS
MOUNTS
MC27
MSM
SB6
SF4
MAC
DS3
WSGCU250
WSGCU250 - Windscreen for GCU250
• Foam windscreen for use with GCU250 microphone
WINDSCREENS
2
7
XLR25
Description
The HDO100 is an attractive,
dynamic microphone perfectly-suited
for public address applications and
instrument sound reproduction.
Features
• Omni-directional pickup pattern
• Uniform pickup of sound from all directions with no
deterioration in frequency response
• Clean, clear reproduction with minimal ambient sound
• Low sensitivity to handling noise and stage vibrations
• Rugged, reliable construction
• Internal rubber shock isolation system
• Lockable, silent on/off reed switch
• Includes mic clip
Specifications
MIC Type:
Handheld
Element:
Moving coil dynamic
Polar Pattern:
Omni-directional
Impedance:
500-ohm
Frequency Response:
70 Hz to 15 kHz
Sensitivity*:
-72 dB +/- 3dB
S/N Ratio:
>65 dB
Connector:
XLR Male
Switch:
With silent on/off switch
(lockable, silent reed switch)
Dimensions:
6-
1/2" D x 1-1/2" Dia.
Product Weight:
13 oz.
Material:
Zinc die cast
Finish:
Rubberized black finish
* (0dB=1V/μ BAR 1,000 Hz indicated by open circuit)
HDO
100 - Public Address
Polar Graph
Frequency Response Graph



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com