Electronic Components Datasheet Search
  English  ▼

X  

SCU250 Datasheet(PDF) 5 Page - Bogen Communications LLC

Part # SCU250
Description  BOGEN MICROPHONES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

SCU250 Datasheet(HTML) 5 Page - Bogen Communications LLC

  SCU250 Datasheet HTML 1Page - Bogen Communications LLC SCU250 Datasheet HTML 2Page - Bogen Communications LLC SCU250 Datasheet HTML 3Page - Bogen Communications LLC SCU250 Datasheet HTML 4Page - Bogen Communications LLC SCU250 Datasheet HTML 5Page - Bogen Communications LLC SCU250 Datasheet HTML 6Page - Bogen Communications LLC SCU250 Datasheet HTML 7Page - Bogen Communications LLC SCU250 Datasheet HTML 8Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MGN
19 - Dynamic Gooseneck
Description
The MGN19 is a push-button acti-
vated, dynamic microphone that is
ideal for paging and commercial
applications.
Features
• Omni-directional pickup pattern
• Push-to-talk switch on MIC
housing
• Rugged, reliable design for quality,
long-term use under the most strenuous handling conditions
• Chrome-plated screen and 19" L gooseneck with black
plastic housing
• Contact closure leads
Specifications
MIC Type:
Gooseneck
Element:
Dynamic
Polar Pattern:
Omni-directional
Impedance:
400-ohm
Frequency Response:
50 Hz to 12 kHz with 2 kHz boost
Sensitivity*:
-76 dB +/- 3dB
Cable:
7' of 4-conductor, 2-shielded
Switch:
Push-to-talk on housing
Dimensions:
23-
1/2" L
Product Weight:
1-1/4 lb.
Material:
Plastic (housing)
Finish:
Black plastic cap and housing; chrome
gooseneck and mounting flange
* (0dB=1V/μ BAR 1,000 Hz indicated by open circuit)
Frequency Response Graph
5
4
Polar Graph
Description
The GDU150 is a dynamic, gooseneck
microphone that features a durable all-
metal case with a non-glare black finish.
It has a 10" long, fully flexible neck with
an integral XLR mounting base.
Features
• Cardioid pickup pattern
• Outstanding speech intelligibility,
feedback rejection, and user sound isolation
• High sound pressure capability and low sensitivity to
breath/pop noise
• Superior shock-mount system to reject handling
and cable noise
• Rugged, reliable construction
• Integral multi-layer breath/wind filter
• Durable all-metal case with non-glare black finish
• Silent push-on/push-off talk switch on base
Specifications
MIC Type:
Gooseneck
Element:
Moving coil dynamic
Polar Pattern:
Cardioid
Impedance:
500-ohm
Frequency:
100 Hz to 12 kHz
Sensitivity*:
-75 dB +/- 3dB
S/N Ratio:
>65 dB
Connector:
XLR Male
Switch:
Push-on/push-off talk switch on base
Dimensions:
16-3/4" L
Product Weight:
11 oz.
Material:
Zinc
Finish:
Non-glare black finish
* (0dB=1V/μ BAR 1,000 Hz indicated by open circuit)
GDU
150 - Dynamic Gooseneck
Frequency Response Graph
Polar Graph
Description
The GCU250 is a high performance,
partially-rigid, adjustable gooseneck con-
denser microphone capable of meeting
the
stringent
demand
of
today's
conference and PA systems. It is an intel-
ligent choice for sound reinforcement
applications. It has an integral XLR male
connector mounting base and requires a
9V - 52V DC phantom power source.
Slim and compact, the GCU250 is
designed to minimize intrusion between
the user and the audience.
Features
• 15-1/4” Adjustable Neck
• Phantom power-operated
• Cardioid pickup pattern
• Clean, accurate vocal reproduction with low ambient noise
• Snap-on windscreen
• Wide frequency response with rich treble and bass
• Thin, unobtrusive construction for close-up use
• Breath/wind filter included
• Durable all-metal case with non-glare black finish
Specifications
MIC Type:
Gooseneck
Element:
Back electret condenser
Polar Pattern:
Cardioid
Impedance:
250-ohm
Frequency Response:
50 Hz to 18 kHz
Sensitivity*:
-65 dB +/- 3dB
Max SPL @ 1% THD:
>130 dB
S/N Ratio:
>65 dB
Phantom Voltage Req:
9V - 52V DC
Connector:
XLR Male
Dimensions:
18-1/2" L (5-1/2" adjustable lower stalk,
with 9-
1/2" rigid upper section)
Product Weight:
4 oz.
Material:
Copper
Finish:
Non-glare black finish
* (0dB=1V/μ BAR 1,000 Hz indicated by open circuit)
GCU250 - Condenser Gooseneck
Frequency Response Graph
Polar Graph



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com