Electronic Components Datasheet Search
  English  ▼

X  

SCU250 Datasheet(PDF) 1 Page - Bogen Communications LLC

Part # SCU250
Description  BOGEN MICROPHONES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

SCU250 Datasheet(HTML) 1 Page - Bogen Communications LLC

  SCU250 Datasheet HTML 1Page - Bogen Communications LLC SCU250 Datasheet HTML 2Page - Bogen Communications LLC SCU250 Datasheet HTML 3Page - Bogen Communications LLC SCU250 Datasheet HTML 4Page - Bogen Communications LLC SCU250 Datasheet HTML 5Page - Bogen Communications LLC SCU250 Datasheet HTML 6Page - Bogen Communications LLC SCU250 Datasheet HTML 7Page - Bogen Communications LLC SCU250 Datasheet HTML 8Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BOGEN MICROPHONES
Models HDU250, HDU150, HDO100, MBS1000A, DDU250, GCU250, GDU150,
MGN19, SCU250, WCU250
Architect and Engineer Specifications
54-5090-01G 1301
© 2003 Bogen Communications, Inc.
Specifications subject to change without notice.
50 Spring Street, Ramsey, NJ 07446 U.S.A.
Tel. 201-934-8500 • Fax: 201-934-9832
www.bogen.com
Description
The HDU250 is a dynamic microphone
ideal for acoustically-demanding envi-
ronments. It features a heavy zinc die
cast case with a rigid, low noise cable-
mount system and a lockable silent reed
switch. It has an extra low handling
noise,
floating,
shock-mounted
Neodymium capsule.
Features
• Cardioid pickup pattern
• High sensitivity Neodymium capsule
• High output design with excellent gain before feedback
characteristics
• High sound pressure capability without distortion and low
sensitivity to breath/pop noise
• Efficient shock-mount system reduces handling and cable noise
• Rugged, reliable construction
• Integral multi-layer breath/wind filter
• Low-impedance operation
• Lockable, silent on/off reed switch
• Includes mic clip
HDU250 - Professional Stage
HDU250 - The microphone shall be a Bogen Model HDU250.
It shall be a cardioid, dynamic handheld microphone with a frequency
response of 50 Hz to 18 kHz and a 250-ohm impedance. The sensi-
tivity shall be -72 dB (+/- 3dB) and the signal-to-noise ratio greater
than 65 dB. It shall have a sliding-type on/off switch and a rubberized
black finish. The HDU250 shall have an XLR Male connector.
Dimensions shall be 7" D x 2" Dia. Weight shall be 13 oz.
HDU
150 - The microphone shall be a Bogen Model HDU150.
It shall be a cardioid, dynamic handheld microphone with a frequency
response of 70 Hz to 15 kHz and a 500-ohm impedance. The sensi-
tivity shall be -70 dB (+/- 3dB) and the signal-to-noise ratio greater
than 65 dB. It shall have a sliding-type on/off switch and a rubberized
black finish. The HDU150 shall have an XLR Male connector.
Dimensions shall be 6-
1/2" D x 1-1/2" Dia. Weight shall be 13 oz.
HDO
100 - The microphone shall be a Bogen Model HDO100.
It shall be an omni-directional, dynamic handheld microphone with a
frequency response of 70 Hz to 15 kHz and a 500-ohm impedance.The
sensitivity shall be -72 dB (+/- 3dB) and the signal-to-noise ratio greater
than 65 dB. It shall have a silent on/off lockable reed switch and a rub-
berized black finish. The HDO100 shall have an XLR Male connector.
Dimensions shall be 6-
1/2" D x 1-1/2" Dia. Weight shall be 13 oz.
MBS
1000A - The microphone shall be a Bogen Model MBS1000A.
It shall be a dynamic-type, cardioid, dual-impedance desktop micro-
phone. The frequency response shall be uniform from 45 Hz to
15 kHz. Impedance shall be selected via a switch on the underside of
the microphone base. Impedances shall be 500 ohms (matching 125
ohms to 1,000 ohms) or 50,000 ohms (matching 50k ohms or
greater). Voltage output shall be -72 dB at Lo-Z, and -52 dB at Hi-Z.
The microphone shall provide push-to-talk and lift-to-talk operation.
The push-to-talk bar shall include a locking mechanism. Provision shall
be included to defeat lift-to-talk operation. The microphone and relay
switching shall be accomplished with long life DPDT professional leaf
switches. The microphone circuit shall be wired normally open. The
microphone shall be in an ABS plastic case with a rubberized black fin-
ish and a die-cast base. It shall be supplied with 7 feet of 4-conductor
cable, 2 conductors individually shielded, and shall be permanently
wired into the microphone. Dimensions shall be 4-
3/8" W x 9-3/8" H
x 5-
7/8" D. Weight shall be 1-
1/4 lb.
DDU250 - The microphone shall be a Bogen Model DDU250. It shall
be a cardioid, dynamic desktop microphone with a frequency response
of 100 Hz to 12 kHz and a 500-ohm impedance.The sensitivity shall be
-76 dB (+/- 3dB) and the signal-to-noise ratio greater than 65 dB.
It shall have a push-to-lock/push-to-talk switch and a matte black finish.
It shall have a 10', 4-conductor, 2-shielded cable. Dimensions shall be
4-
1/4" W x 18-1/4" H x 6-1/4" D. Weight shall be 3-1/2 lb.
GCU250 - The microphone shall be a Bogen Model GCU250. It shall
be a cardioid, back electret condenser gooseneck microphone with a
frequency response of 50 Hz to 18 kHz and a 250-ohm impedance.
The sensitivity shall be -65 dB (+/- 3dB) and the signal-to-noise ratio
greater than 65 dB. Max SPL @ 1% THD shall be greater than 130 dB.
It shall have a non-glare black finish. The GCU250 shall have an XLR
male type connector. It requires an external 9V - 52V DC phantom
power source. Dimensions shall be 18-
1/2" L. Weight shall be 4 ounces.
GDU
150 - The microphone shall be a Bogen Model GDU150. It shall
be a cardioid, dynamic gooseneck microphone with a frequency
response of 100 Hz to 12 kHz and a 500-ohm impedance.The sensi-
tivity shall be -75 dB (+/- 3dB) and the signal-to-noise ratio greater
than 65 dB. It shall have a push-on/push-off talk switch mounted on its
base and a non-glare black finish.The GDU150 shall have an XLR Male
type connector. Dimensions shall be 16-
3/4" L. Weight shall be 11 oz.
MGN
19 - The microphone shall be a Bogen Model MGN19 dynam-
ic-type, omni-directional microphone. Frequency response shall be
uniform from 50 Hz to 12 kHz, with a presence boost at 2 kHz for
natural, intelligible sound. Impedance shall be 400 ohms. A sealed
push-to-talk microswitch shall be mounted on the microphone hous-
ing. The sensitivity shall be -76 dB (+/- 3dB). The microphone shall be
furnished with a 19" chrome-plated flexible gooseneck and mounting
flange and seven feet of rugged synthetic-jacketed 4-conductor,
2-shielded cable. The microphone shall have a black plastic cap and
housing with chrome-plated screen and shall measure 4-
5/8" long with
a maximum diameter of 1-
3/8". Removable set screws shall secure the
front cap to the microphone and the microphone to the gooseneck.
Dimensions shall be 23-
1/2" L. Weight shall be 1-1/4 lb.
SCU250 - The microphone shall be a Bogen Model SCU250. It shall
be a cardioid, back electret condenser boundary microphone with a
frequency response of 20 Hz to 18 kHz and a 250-ohm impedance.
The sensitivity shall be -58 dB (+/- 3dB) and the signal-to-noise ratio
greater than 65 dB. It shall have a matte black finish and will require
an external 9V - 52V DC phantom power source. It shall have a male
XLR connector. Dimensions shall be 2-
3/4" W x 3/4" H x 3-
1/4" D. Weight
shall be 11 oz.
WCU250 - The microphone shall be a Bogen Model WCU250 hang-
ing microphone. It shall be a cardioid, back electret condenser micro-
phone with a frequency response of 50 Hz to 18 kHz and a 250-ohm
impedance.The sensitivity shall be -65 dB (+/- 3dB) and the signal-to-
noise ratio greater than 65 dB. It shall have a matte black finish and will
require an external 9V - 52V DC phantom power source with a con-
necting cable of 20'. It shall have a female mini-XLR connector with a
mini-XLR to standard XLR (male) adapter. Dimensions shall be
1-1/4" D x 1/2" dia. Weight shall be 5 ounces.
Introduction
Bogen’s line of microphones come in a variety of types and styles (handheld, desktop, gooseneck, boundary, and overhead hanging) to meet any
and all application needs ranging from paging systems to instrument and vocal reproduction. Each is ruggedly constructed to withstand the
demands of sound installations.
Each microphone provides clear, natural, intelligible sound reproduction with accurate response and dependable performance. Bogen’s
microphone models are crafted with professional-grade features, including models with rubberized grips; quiet on/off glide switches; dent-proof
screens; contemporary designs; and a variety of accessories including stands, mounting clips, windscreens, and cables.
Index
Handhelds (HDU250, HDU150, HDO100)..............................................................................................................................................................1-2
Desktops (MBS1000A, DDU250) ..............................................................................................................................................................................3
Goosenecks (GDU250, GCU150, MGN19) ............................................................................................................................................................4-5
Boundary (SCU250) ......................................................................................................................................................................................................6
Overhead (WCU250) ....................................................................................................................................................................................................6
Accessories ......................................................................................................................................................................................................................7
Architect and Engineer Specifications ........................................................................................................................................................................8
Polar Graph
Frequency Response Graph
Specifications
MIC Type:
Handheld
Element:
Moving coil dynamic
Polar Pattern:
Cardioid
Impedance:
250-ohm
Frequency Response:
50 Hz to 18 kHz
Sensitivity*:
-72 dB +/- 3dB
S/N Ratio:
>65 dB
Connector:
XLR Male
Switch:
With sliding-type on/off switch
(lockable, silent reed switch)
Dimensions:
7" D x 2" Dia.
Product Weight:
13 oz.
Material:
Zinc die cast
Finish:
Rubberized black finish
* (0dB=1V/μ BAR 1,000 Hz indicated by open circuit)


Similar Part No. - SCU250

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SCU-2370 HANWHAVISION-SCU-2370 Datasheet
660Kb / 3P
37x High Resolution Weatherproof Positioning System
SCU-9051 HANWHAVISION-SCU-9051 Datasheet
290Kb / 2P
Weatherproof Thermal Positioning System
SCU-9080 HANWHAVISION-SCU-9080 Datasheet
291Kb / 2P
Wehtherproof Thermal Positioning Camera
logo
Laird Tech Smart Techno...
SCU32 LSTD-SCU32 Datasheet
210Kb / 2P
All inputs galvanically isolated
logo
Shenzhen Winsemi Microe...
SCU4C60S WINSEMI-SCU4C60S Datasheet
433Kb / 5P
Silicon Controlled Rectifiers
More results

Similar Description - SCU250

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HMC0402B-77 JLWORLD-HMC0402B-77 Datasheet
38Kb / 1P
Microphones
HMC0603E-62 JLWORLD-HMC0603E-62 Datasheet
40Kb / 1P
Microphones
HMC1001A-65 JLWORLD-HMC1001A-65 Datasheet
48Kb / 1P
Microphones
HMO0403A-65 JLWORLD-HMO0403A-65 Datasheet
37Kb / 1P
Microphones
HDC33A-75 JLWORLD-HDC33A-75 Datasheet
475Kb / 1P
Microphones
HMO0603B-60 JLWORLD-HMO0603B-60 Datasheet
39Kb / 1P
Microphones
HDC334A-75 JLWORLD-HDC334A-75 Datasheet
475Kb / 1P
Microphones
HMO1003A-65 JLWORLD-HMO1003A-65 Datasheet
404Kb / 1P
Microphones
HMU0803A-58 JLWORLD-HMU0803A-58 Datasheet
44Kb / 1P
Microphones
HMU1003A-67 JLWORLD-HMU1003A-67 Datasheet
39Kb / 1P
Microphones
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com