Electronic Components Datasheet Search
  English  ▼

X  

ADC12138CIWM Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12138CIWM
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12138CIWM Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button ADC12138CIWM Datasheet HTML 29Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 30Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 31Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 32Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 33Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 34Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 35Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 36Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Application Information (Continued)
fier circuits driving the ADC as shown in Figure 13. The value
of the resistor pull-up biasing the LM4040-2.5 will depend
upon the current required by the op amp biasing circuitry.
In the circuit of Figure 13 some voltage range is lost since
the amplifier will not be able to swing to +5V and GND with
a single +5V supply. Using an adjustable version of the
LM4041 to set the full scale voltage at exactly 2.048V and a
lower grade LM4040D-2.5 to bias up everything to 2.5V as
shown in Figure 14 will allow the use of all the ADC’s digital
output range of −4096 to +4095 while leaving plenty of head
room for the amplifier.
Fully differential operation is shown in Figure 15. One LSB
for this case is equal to (4.1V/4096)=1mV.
01207940
FIGURE 13. Alternative Pseudo-Differential Biasing
01207941
FIGURE 14. Pseudo-Differential Biasing without the Loss of Digital Output Range
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com