Electronic Components Datasheet Search
  English  ▼

X  

ADC12138CIWM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12138CIWM
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12138CIWM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC12138CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DC and Logic Electrical Characteristics
The following specifications apply for (V
+ =V
A+=VD+ = +5V, VREF+ = +4.096V, and fully-differential input with fixed 2.048V
common-mode voltage) or (V
+ =V
A+=VD+ = +3.3V, VREF+ = +2.5V and fully-differential input with fixed 1.250V common-
mode voltage), V
REF− = 0V, 12-bit + sign conversion mode, source impedance for analog inputs, VREF− and VREF+
≤ 25Ω,f
CK
=f
SK = 5 MHz, and 10 (tCK) acquisition time unless otherwise specified. Boldface limits apply for TA =TJ =TMIN to TMAX; all
other limits T
A =TJ = 25˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
V
+ =V
A+=
V
D+ = 3.3V
Limits
(Note 11)
V
+ =V
A+=
V
D+=5V
Limits
(Note 11)
Units
(Limits)
CCLK, CS, CONV, DI, PD AND SCLK INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
A+=VD+=V
+ +10%
2.0
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
A+=VD+=V
+ −10%
0.8
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN =V
+
0.005
1.0
1.0
µA (max)
I
IN(0)
Logical
′“0” Input Current
V
IN = 0V
−0.005
−1.0
−1.0
µA (min)
DO, EOC AND DOR DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
V
A+=VD+=V
+ − 10%,
I
OUT = −360 µA
2.4
2.4
V (min)
V
A+=VD+=V
+ − 10%,
I
OUT = −10 µA
2.9
4.25
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
A+=VD+=V
+ − 10%
I
OUT = 1.6 mA
0.4
0.4
V (max)
I
OUT
TRI-STATE Output Current
V
OUT =0V
V
OUT =V
+
−0.1
−0.1
−3.0
3.0
−3.0
3.0
µA (max)
µA (max)
+I
SC
Output Short Circuit Source Current
V
OUT = 0V
−14
mA
−I
SC
Output Short Circuit Sink Current
V
OUT =VD+16
mA
POWER SUPPLY CHARACTERISTICS
I
D+
Digital Supply Current
Awake (Active)
1.5
2.5
mA (max)
CS = HIGH, Powered Down,
CCLK on
600
µA
CS = HIGH, Powered Down,
CCLK off
20
µA
I
A+
Positive Analog Supply Current
Awake (Active)
3.0
4.0
mA (max)
CS = HIGH, Powered Down,
CCLK on
10
µA
CS = HIGH, Powered Down,
CCLK off
0.1
µA
I
REF
Reference Input Current
CS = HIGH, Powered Down,
CCLK on
70
µA
CS = HIGH, Powered Down,
CCLK off
0.1
µA
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com