Electronic Components Datasheet Search
  English  ▼

X  

ADC12138CIWM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12138CIWM
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12138CIWM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC12138CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for (V
+ =V
A+=VD+ = +5V, VREF+ = +4.096V, and fully differential input with fixed 2.048V
common-mode voltage) or (V
+ =V
A+=VD+ = 3.3V, VREF+ = 2.5V and fully-differential input with fixed 1.250V common-mode
voltage), V
REF− = 0V, 12-bit + sign conversion mode, source impedance for analog inputs, VREF
− and V
REF
+
≤ 25Ω,f
CK =fSK =
5 MHz, and 10 (t
CK) acquisition time unless otherwise specified. Boldface limits apply for TA =TJ =TMIN to TMAX; all other
limits T
A =TJ = 25˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
(Limits)
UNIPOLAR DYNAMIC CONVERTER CHARACTERISTICS
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
f
IN = 1 kHz, VIN =5VPP,VREF
+ = 5.0V
69.4
dB
f
IN = 20 kHz, VIN =5VPP,VREF
+ = 5.0V
68.3
dB
f
IN = 40 kHz, VIN =5VPP,VREF+ = 5.0V
65.7
dB
−3 dB Full Power Bandwidth
V
IN =5VPP, where S/(N+D) drops 3 dB
31
kHz
DIFFERENTIAL DYNAMIC CONVERTER CHARACTERISTICS
f
IN = 1 kHz, VIN = ±5V, VREF
+ = 5.0V
77.0
dB
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
f
IN = 20 kHz, VIN = ±5V, VREF
+ = 5.0V
73.9
dB
f
IN = 40 kHz, VIN = ±5V, VREF
+ = 5.0V
67.0
dB
−3 dB Full Power Bandwidth
V
IN = ±5V, where S/(N+D) drops 3 dB
40
kHz
REFERENCE INPUT, ANALOG INPUTS AND MULTIPLEXER CHARACTERISTICS
C
REF
Reference Input Capacitance
85
pF
C
A/D
A/DIN1 and A/DIN2 Analog Input
Capacitance
75
pF
A/DIN1 and A/DIN2 Analog Input
Leakage Current
V
IN = +5.0V or VIN =0V
±0.1
µA
CH0–CH7 and COM Input Voltage
GND − 0.05
(V
A+) + 0.05
V (min)
V (max)
C
CH
CH0–CH7 and COM Input
Capacitance
10
pF
C
MUXOUT MUX Output Capacitance
20
pF
Off Channel Leakage (Note 16)
CH0–CH7 and COM Pins
On Channel = 5V and
Off Channel = 0V
−0.01
µA
On Channel = 0V and
Off Channel = 5V
0.01
µA
On Channel Leakage (Note 16)
CH0–CH7 and COM Pins
On Channel = 5V and
Off Channel = 0V
0.01
µA
On Channel = 0V and
Off Channel = 5V
−0.01
µA
MUXOUT1 and MUXOUT2 Leakage
Current
V
MUXOUT = 5.0V or VMUXOUT = 0V
0.01
µA
R
ON
MUX On Resistance
V
IN = 2.5V and
V
MUXOUT = 2.4V
850
1900
Ω (max)
R
ON Matching Channel to Channel
V
IN = 2.5V and
V
MUXOUT = 2.4V
5%
Channel-to-Channel Crosstalk
V
IN =5VPP,fIN = 40 kHz
−72
dB
MUX Bandwidth
90
kHz
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com