Electronic Components Datasheet Search
  English  ▼

X  

TAS5802PWPR Datasheet(PDF) 31 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 27Page - Texas Instruments TAS5802PWPR Datasheet HTML 28Page - Texas Instruments TAS5802PWPR Datasheet HTML 29Page - Texas Instruments TAS5802PWPR Datasheet HTML 30Page - Texas Instruments TAS5802PWPR Datasheet HTML 31Page - Texas Instruments TAS5802PWPR Datasheet HTML 32Page - Texas Instruments TAS5802PWPR Datasheet HTML 33Page - Texas Instruments TAS5802PWPR Datasheet HTML 34Page - Texas Instruments TAS5802PWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 106 page
background image
6.4.6.2 1SPW Modulation
The 1SPW mode alters the normal modulation scheme in order to achieve higher efficiency with a slight penalty
in THD degradation and more attention required in the output filter selection. In Low Idle Current mode the
outputs operate at ~14% modulation during idle conditions. When an audio signal is applied one output will
decrease and one will increase. The decreasing output signal will quickly rail to GND at which point all the audio
modulation takes place through the rising output. The result is that only one output is switching during a majority
of the audio cycle. Efficiency is improved in this mode due to the reduction of switching losses.
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
0 V
0 V
PVCC
No Output
Positive Output
Negative Output
0 A
0 A
0 V
-PVCC
Figure 6-11. 1SPW Mode Modulation
6.4.6.3 Hybrid Modulation
Hybrid Modulation is designed to minimized power loss without compromising the THD+N performance, and is
optimized for battery-powered applications. With Hybrid modulation enabled, device detects the input signal level
and adjust PWM duty cycle dynamically based on PVDD. Hybrid modulation achieves ultra low idle current and
maintains the same audio performance level as the BD Modulation. In order to minimize the power dissipation,
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com