Electronic Components Datasheet Search
  English  ▼

X  

TAS5802PWPR Datasheet(PDF) 52 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 48Page - Texas Instruments TAS5802PWPR Datasheet HTML 49Page - Texas Instruments TAS5802PWPR Datasheet HTML 50Page - Texas Instruments TAS5802PWPR Datasheet HTML 51Page - Texas Instruments TAS5802PWPR Datasheet HTML 52Page - Texas Instruments TAS5802PWPR Datasheet HTML 53Page - Texas Instruments TAS5802PWPR Datasheet HTML 54Page - Texas Instruments TAS5802PWPR Datasheet HTML 55Page - Texas Instruments TAS5802PWPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
7.1.12 FS_MON Register (Offset = 37h) [Reset = 00h]
FS_MON is shown in Figure 7-12 and described in Table 7-14.
Return to the Summary Table.
FS monitor
Figure 7-12. FS_MON Register
7
6
5
4
3
2
1
0
RESERVED
BCLKRATION_MSB
FS_MON
R-0h
R-0h
R-0h
Table 7-14. FS_MON Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
0h
5-4
BCLKRATION_MSB
R
0h
2 MSB of detected BCLK ratio.
These bits indicate the currently detected BCLK ratio, the number of
BCLK clocks in one audio frame.
Combine with the 8 bits in low register 38h. BCLK = 32 FS~512 FS
3-0
FS_MON
R
0h
These bits indicate the currently detected audio sampling rate.
4’b0000 FS Error
4’b0010 8kHz
4’b0100 16kHz
4’b0110 32kHz
4’b1000 Reserved
4’b1001 48kHz
4’b1011 96kHz
Others Reserved
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com