Electronic Components Datasheet Search
  English  ▼

X  

TAS5802PWPR Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 7Page - Texas Instruments TAS5802PWPR Datasheet HTML 8Page - Texas Instruments TAS5802PWPR Datasheet HTML 9Page - Texas Instruments TAS5802PWPR Datasheet HTML 10Page - Texas Instruments TAS5802PWPR Datasheet HTML 11Page - Texas Instruments TAS5802PWPR Datasheet HTML 12Page - Texas Instruments TAS5802PWPR Datasheet HTML 13Page - Texas Instruments TAS5802PWPR Datasheet HTML 14Page - Texas Instruments TAS5802PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
50
PVDD=18V
TA=25C
RL=4
1SPW Modulation
FSW=768kHz
PVDD = 18V
BTL Mode
175 kHz Class D Amplifier Loop Bandwidth
f=20Hz
f=1kHz
f=10kHz
Figure 5-13. THD+N vs Output Power
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
PVDD=13.5V
TA=25C
RL=6
1SPW Modulation
FSW=768kHz
PVDD = 13.5V
BTL Mode
175 kHz Class D Amplifier Loop Bandwidth
f=20Hz
f=1kHz
f=10kHz
Figure 5-14. THD+N vs Output Power
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
50
PVDD=18V
TA=25C
RL=6
1SPW Modulation
FSW=768kHz
PVDD = 18V
BTL Mode
175 kHz Class D Amplifier Loop Bandwidth
f=20Hz
f=1kHz
f=10kHz
Figure 5-15. THD+N vs Output Power
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
PVDD=13.5V
TA=25C
RL=8
1SPW Modulation
FSW=768kHz
PVDD = 13.5V
BTL Mode
175 kHz Class D Amplifier Loop Bandwidth
f=20Hz
f=1kHz
f=10kHz
Figure 5-16. THD+N vs Output Power
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
50
PVDD=18V
TA=25C
RL=8
1SPW Modulation
FSW=768kHz
PVDD = 18V
BTL Mode
175 kHz Class D Amplifier Loop Bandwidth
f=20Hz
f=1kHz
f=10kHz
Figure 5-17. THD+N vs Output Power
Supply Voltage (V)
4.5
6.5
8.5
10.5
12.5
14.5
16.5
18.5
20
0
5
10
15
20
25
30
35
40
45
50
55
60
BTL Mode
TA=25C
1SPW Modulation
FSW=768kHz
Load = 4
BTL Mode
175 kHz Class D Amplifier Loop Bandwidth
THD+N=1%, RL=4
THD+N=10%, RL=4
Figure 5-18. Output Power vs Supply Voltage
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com