Electronic Components Datasheet Search
  English  ▼

X  

AD711 Datasheet(PDF) 5 Page - Analog Devices

Part # AD711
Description  Precision, Low Cost, High Speed, BiFET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD711 Datasheet(HTML) 5 Page - Analog Devices

  AD711 Datasheet HTML 1Page - Analog Devices AD711 Datasheet HTML 2Page - Analog Devices AD711 Datasheet HTML 3Page - Analog Devices AD711 Datasheet HTML 4Page - Analog Devices AD711 Datasheet HTML 5Page - Analog Devices AD711 Datasheet HTML 6Page - Analog Devices AD711 Datasheet HTML 7Page - Analog Devices AD711 Datasheet HTML 8Page - Analog Devices AD711 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. E
–5–
AD711
SUPPLY MODULATION FREQUENCY – Hz
0
10
20
40
60
80
100
110
100
1k
10k
10k
1
–SUPPLY
+SUPPLY
VS = 15 SUPPLIES
WITH 1V p-p SINE
WAVE 25 C
TPC 12. Power Supply Rejection
vs. Frequency
SETTLING TIME – s
0.5
–10
–8
–6
–4
–2
0
2
2
4
6
8
0.6
0.7
0.8
0.9
1.0
ERROR
1% 0.1% 0.01%
1% 0.1% 0.01%
TPC 15. Output Swing and Error
vs. Settling Time
INPUT ERROR SIGNAL – mV
(AT SUMMING JUNCTION)
0
0
100 200 300 400
5
10
15
20
25
500 600 700 800 900
TPC 18. Slew Rate vs. Input
Error Signal
SUPPLY VOLTAGE –
Volts
0
95
510
15
20
100
105
110
115
120
125
RL = 2k
25 C
TPC 11. Open-Loop Gain vs.
Supply Voltage
INPUT FREQUENCY – Hz
0
5
10
30
10M
100k
1M
15
20
25
RL = 2k
25 C
VS = 15V
TPC 14. Large Signal Frequency
Response
FREQUENCY – Hz
1
1
10
10
100
1k
100
1k
10k
100k
TPC 17. Input Noise Voltage
Spectral Density
FREQUENCY – Hz
10
–20
100
1k
10k
100k
1M
0
20
40
60
10M
80
100
GAIN
RL = 2k
C = 100pF
PHASE
–20
0
20
40
60
80
100
TPC 10. Open-Loop Gain and
Phase Margin vs. Frequency
FREQUENCY – Hz
100
0
10
20
100
VS = 15V
VCM = 1V p-p
25 C
40
60
80
1k
10k
100k
1M
TPC 13. Common Mode Rejection
vs. Frequency
FREQUENCY – Hz
–130
100
–120
–110
–100
–90
–80
–70
1k
10k
100k
3V RMS
RL = 2k
CL = 100pF
TPC 16. Total Harmonic Distor-
tion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com