Electronic Components Datasheet Search
  English  ▼

X  

AD711 Datasheet(PDF) 12 Page - Analog Devices

Part # AD711
Description  Precision, Low Cost, High Speed, BiFET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD711 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD711 Datasheet HTML 8Page - Analog Devices AD711 Datasheet HTML 9Page - Analog Devices AD711 Datasheet HTML 10Page - Analog Devices AD711 Datasheet HTML 11Page - Analog Devices AD711 Datasheet HTML 12Page - Analog Devices AD711 Datasheet HTML 13Page - Analog Devices AD711 Datasheet HTML 14Page - Analog Devices AD711 Datasheet HTML 15Page - Analog Devices AD711 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. E
AD711
–12–
+15V
–15V
0.1 F
0.1 F
A1
AD711
VIN
VOUT
+15V
–15V
0.1 F
0.1 F
A2
AD711
A
*
B
*
C
*
D
*
0.001 F
4.9395E–15
5.9276E–15
5.9276E–15
4.9395E–15
2800
6190
6490
6190
0.001
F
100k
124k
2800
*SEE TEXT
4.99k
4.99k
Figure 17. 9-Pole Chebychev Filter
+15V
–15V
0.1 F
0.1 F
1/2
AD712
1/2
AD712
0.001 F
0.001 F
R
1k
4.99k
R: 24.9k
FOR 4.9395E–15
29.4k
FOR 5.9276E–15
Figure 18. FDNR for 9-Pole Chebychev Filter
Figure 19. High Frequency Response for 9-Pole
Chebychev Filter
9-POLE CHEBYCHEV FILTER
Figure 17 shows the AD711 and its dual counterpart, the AD712,
as a 9-pole Chebychev filter using active frequency dependent
negative resistors (FDNR). With a cutoff frequency of 50 kHz
and better than 90 dB rejection, it may be used as an anti-aliasing
filter for a 12-bit data acquisition system with 100 kHz throughput.
As shown in Figure 17, the filter is comprised of four FDNRs (A,
B, C, D) having values of 4.9395
10
–15 and 5.9276
10
–15 farad-seconds. Each FDNR active network provides a
2-pole response; for a total of 8 poles. The 9th pole consists of a
0.001
mF capacitor and a 124 kW resistor at Pin 3 of amplifier A2.
Figure 18 depicts the circuits for each FDNR with the proper
selection of R. To achieve optimal performance, the 0.001
mF
capacitors must be selected for 1% or better matching and all
resistors should have 1% or better tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com