Electronic Components Datasheet Search
  English  ▼

X  

AD711 Datasheet(PDF) 9 Page - Analog Devices

Part # AD711
Description  Precision, Low Cost, High Speed, BiFET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD711 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD711 Datasheet HTML 5Page - Analog Devices AD711 Datasheet HTML 6Page - Analog Devices AD711 Datasheet HTML 7Page - Analog Devices AD711 Datasheet HTML 8Page - Analog Devices AD711 Datasheet HTML 9Page - Analog Devices AD711 Datasheet HTML 10Page - Analog Devices AD711 Datasheet HTML 11Page - Analog Devices AD711 Datasheet HTML 12Page - Analog Devices AD711 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. E
AD711
–9–
Figure 5a. Settling Characteristics 0 to +10 V Step
Upper Trace: Output of AD711 Under Test (5 V/Div)
Lower Trace: Amplified Error Voltage (0.01%/Div)
Figure 5b. Settling Characteristics 0 to –10 V Step
Upper Trace: Output of AD711 Under Test (5 V/Div)
Lower Trace: Amplified Error Voltage (0.01%/Div)
GUARDING
The low input bias current (15 pA) and low noise characteristics
of the AD711 BiFET op amp make it suitable for electrometer
applications such as photo diode preamplifiers and picoampere
5pF
AD3554
VERROR
5
+15V
5k
–15V
0.47 F
HP2835
TEXTRONIX 7A26
OSCILLOSCOPE
PREAMP
INPUT SELECTION
1M
20pF
0.1 F
AD711
+15V
–15V
0.1 F
VOUT
10pF
HP2835
10k
0.2-0.0pF
1.1k
10k
5-18pF
10k
200k
4.99k
4.99k
VIN
DATA
DYNAMICS
5109
(OR
EQUIVALENT
FLAT TOP
PULSE
GENERATOR)
0.47 F
205
Figure 6. Settling Time Test Circuit
current-to-voltage converters. The use of a guarding technique
such as that shown in Figure 7, in printed circuit board layout
and construction is critical to minimize leakage currents. The
guard ring is connected to a low impedance potential at the
same level as the inputs. High impedance signal lines should
not be extended for any unnecessary length on the printed
circuit board.
1
8
7
6
5
4
3
2
6
5
7
8
2
3
1
4
Figure 7. Board Layout for Guarding Inputs
D/A CONVERTER APPLICATIONS
The AD711 is an excellent output amplifier for CMOS DACs.
It can be used to perform both 2-quadrant and 4-quadrant
operation. The output impedance of a DAC using an inverted
R-2R ladder approaches R for codes containing many 1s, 3R
for codes containing a single 1, and for codes containing all
zero, the output impedance is infinite.
For example, the output resistance of the AD7545 will modu-
late between 11 k
W and 33 kW. Therefore, with the DAC’s
internal feedback resistance of 11 k
W, the noise gain will vary
from 2 to 4/3. This changing noise gain modulates the effect of
the input offset voltage of the amplifier, resulting in nonlinear
DAC amplifier performance.
The AD711K with guaranteed 500
mV offset voltage minimizes
this effect to achieve 12-bit performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com