Electronic Components Datasheet Search
  English  ▼

X  

AD704 Datasheet(PDF) 4 Page - Analog Devices

Part # AD704
Description  Quad Picoampere Input Current Bipolar Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 4 Page - Analog Devices

  AD704 Datasheet HTML 1Page - Analog Devices AD704 Datasheet HTML 2Page - Analog Devices AD704 Datasheet HTML 3Page - Analog Devices AD704 Datasheet HTML 4Page - Analog Devices AD704 Datasheet HTML 5Page - Analog Devices AD704 Datasheet HTML 6Page - Analog Devices AD704 Datasheet HTML 7Page - Analog Devices AD704 Datasheet HTML 8Page - Analog Devices AD704 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. C
AD704
–4–
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD704JN
0
°C to 70°C
Plastic
N-14
AD704JR
0
°C to 70°C
Small Outline (SOIC)
R-16
AD704JR-/REEL
0
°C to 70°C
Tape and Reel
AD704KN*
0
°C to 70°C
Plastic
N-14
AD704AN*
–40
°C to +85°C
Plastic
N-14
AD704AR
–40
°C to +85°C
Small Outline (SOIC)
R-16
AD704AR-REEL
–40
°C to +85°C
Tape and Reel
AD704SE/883B
–55
°C to +125°C
Leadless Ceramic Chip Carrier
E-20A
AD704TQ/883B*
–55
°C to +125°C
Cerdip
Q-14
Chips are also available.
*Not for new designs; obsolete April 2002.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation (25
°C) . . . . . . . . . . . . See Note 2
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage
3 . . . . . . . . . . . . . . . . . . . . . . .
±0.7 V
Output Short-Circuit Duration (Single Input) . . . . . Indefinite
Storage Temperature Range
Q . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
N, R . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD704J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to 70°C
AD704A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD704T . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 10 seconds) . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Specification is for device in free air:
14-Lead Plastic Package:
θ
JA = 150
°C/W
14-Lead Cerdip Package:
θ
JA = 110
°C/W
16-Lead SOIC Package:
θ
JA = 100
°C/W
20-Terminal LCC Package:
θ
JA = 150
°C/W
3The input pins of this amplifier are protected by back-to-back diodes. If the
differential voltage exceeds
±0.7 volts, external series protection resistors should
be added to limit the input current to less than 25 mA.
1/4
AD704
OUTPUT
INPUT*
SIGNAL
9k
1k
1k
2.5k
–
+
ALL 4 AMPLIFIERS ARE CONNECTED AS SHOWN
*THE SIGNAL INPUT (SUCH THAT THE AMPLIFIER’S OUTPUT IS AT MAX
AMPLITUDE WITHOUT CLIPPING OR SLEW LIMITING) IS APPLIED TO ONE
AMPLIFIER AT A TIME. THE OUTPUTS OF THE OTHER THREE AMPLIFIERS
ARE THEN MEASURED FOR CROSSTALK.
AD704
PIN 4
AD704
PIN 11
COM
0.1 F
1 F
0.1 F
1 F
+VS
–VS
Figure 2a. Crosstalk Test Circuit
AMP4
AMP3
–80
–100
–120
–140
–160
10
100
1k
10k
100k
FREQUENCY – Hz
AMP2
Figure 2b. Crosstalk vs. Frequency
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD704 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com