Electronic Components Datasheet Search
  English  ▼

X  

AD704 Datasheet(PDF) 5 Page - Analog Devices

Part # AD704
Description  Quad Picoampere Input Current Bipolar Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 5 Page - Analog Devices

  AD704 Datasheet HTML 1Page - Analog Devices AD704 Datasheet HTML 2Page - Analog Devices AD704 Datasheet HTML 3Page - Analog Devices AD704 Datasheet HTML 4Page - Analog Devices AD704 Datasheet HTML 5Page - Analog Devices AD704 Datasheet HTML 6Page - Analog Devices AD704 Datasheet HTML 7Page - Analog Devices AD704 Datasheet HTML 8Page - Analog Devices AD704 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. C
–5–
Typical Performance Characteristics–AD704
(@ 25 C, VS =
15 V dc, unless otherwise noted.)
50
40
30
20
10
0
–80
–40
0
+40
+80
INPUT OFFSET VOLTAGE –
V
TPC 1. Typical Distribution of
Input Offset Voltage
0
5
10
15
20
+0.5
+1.0
+1.5
–1.5
–1.0
–0.5
+VS
–VS
SUPPLY VOLTAGE – V
TPC 4. Input Common-Mode
Voltage Range vs. Supply Voltage
50
40
30
20
10
0
–0.8
–0.4
0
+0.4
+0.8
INPUT OFFSET VOLTAGE DRIFT –
V/ C
TPC 7. Typical Distribution of
Offset Voltage Drift
50
40
30
20
10
0
–160
–80
0
+80
+160
INPUT BIAS CURRENT – pA
TPC 2. Typical Distribution of
Input Bias Current
35
30
25
20
15
10
5
0
1M
FREQUENCY – Hz
1k
10k
100k
TPC 5. Large Signal Frequency
Response
4
3
2
1
0
01
2
3
4
5
WARM-UP TIME – Minutes
TPC 8. Change in Input Offset
Voltage vs. Warm-Up Time
50
40
30
20
10
0
–120
–60
0
+60
+120
INPUT OFFSET CURRENT – pA
TPC 3. Typical Distribution of
Input Offset Current
100
10
1.0
0.1
1k
10k
100k
1M
10M
100M
SOURCE RESISTANCE –
SOURCE RESISTANCE
MAY BE EITHER BALANCED
OR UNBALANCED
TPC 6. Offset Voltage Drift vs.
Source Resistance
120
100
80
60
40
20
0
–15
–10
–50
5
10
15
NEGATIVE IB
POSITIVE IB
COMMON-MODE VOLTAGE – V
TPC 9. Input Bias Current vs.
Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com