Electronic Components Datasheet Search
  English  ▼

X  

AD704 Datasheet(PDF) 1 Page - Analog Devices

Part # AD704
Description  Quad Picoampere Input Current Bipolar Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 1 Page - Analog Devices

  AD704 Datasheet HTML 1Page - Analog Devices AD704 Datasheet HTML 2Page - Analog Devices AD704 Datasheet HTML 3Page - Analog Devices AD704 Datasheet HTML 4Page - Analog Devices AD704 Datasheet HTML 5Page - Analog Devices AD704 Datasheet HTML 6Page - Analog Devices AD704 Datasheet HTML 7Page - Analog Devices AD704 Datasheet HTML 8Page - Analog Devices AD704 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD704
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Quad Picoampere Input Current
Bipolar Op Amp
FEATURES
High DC Precision
75
V Max Offset Voltage
1
V/ C Max Offset Voltage Drift
150 pA Max Input Bias Current
0.2 pA/ C Typical IB Drift
Low Noise
0.5
V p-p Typical Noise, 0.1 Hz to 10 Hz
Low Power
600
A Max Supply Current per Amplifier
MIL-STD-883B Processing Available
Available in Tape and Reel in Accordance
with EIA-481A Standard
Dual Version: AD706
APPLICATIONS
Industrial/Process Controls
Weigh Scales
ECG/EKG Instrumentation
Low Frequency Active Filters
PRODUCT DESCRIPTION
The AD704 is a quad, low power bipolar op amp that has the
low input bias current of a BiFET amplifier but which offers a
significantly lower IB drift over temperature. It utilizes super-beta
bipolar input transistors to achieve picoampere input bias current
levels (similar to FET input amplifiers at room temperature),
while its IB typically only increases by 5
× at 125°C (unlike a
BiFET amp, for which IB doubles every 10
°C resulting in a
1000
× increase at 125°C). Furthermore, the AD704 achieves
75
µV offset voltage and low noise characteristics of a precision
bipolar input op amp.
Since it has only 1/20 the input bias current of an AD OP07, the
AD704 does not require the commonly used “balancing” resistor.
Furthermore, the current noise is 1/5 that of the AD OP07 which
makes the AD704 usable with much higher source impedances.
At 1/6 the supply current (per amplifier) of the AD OP07, the
AD704 is better suited for today’s higher density circuit boards
and battery-powered applications.
The AD704 is an excellent choice for use in low frequency active
filters in 12- and 14-bit data acquisition systems, in precision
instrumentation, and as a high quality integrator. The AD704 is
internally compensated for unity gain and is available in five
performance grades. The AD704J and AD704K are rated over
the commercial temperature range of 0
°C to 70°C. The AD704A
is rated over the industrial temperature of –40
°C to +85°C. The
AD704T is rated over the military temperature range of –55
°C
to +125
°C and is available processed to MIL-STD-883B, Rev. C.
CONNECTION DIAGRAMS
14-Lead Plastic DIP (N)
14-Lead CerDIP (Q) Packages
1
4
1
2
3
4
5
6
7
OUTPUT
–IN
–IN
OUTPUT
OUTPUT
–IN
–IN
OUTPUT
AD704
(TOP VIEW)
+IN
+IN
+IN
+VS
–VS
+IN
2
3
8
9
10
11
12
13
14
16-Lead SOIC
(R) Package
2
3
11
10
12
13
14
15
16
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
NC
1
4
OUTPUT
–IN
–IN
OUTPUT
OUTPUT
–IN
–IN
OUTPUT
AD704
(TOP VIEW)
+IN
+IN
+IN
+VS
–VS
+IN
NC
20-Terminal LCC
(E) Package
AMP 1
AMP 2
AMP 4
AMP 3
32
1
20
19
18
17
16
15
14
910
11
12
13
4
5
6
7
8
+IN4
NC
–VS
NC
+IN3
+IN1
NC
+VS
NC
+IN2
NC = NO CONNECT
AD704
100
10
1
0.1
0.01
–55
+25
+125
TEMPERATURE – C
TYPICAL JFET AMP
AD704T
Figure 1. Input Bias Current Over Temperature


Similar Part No. - AD704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704 AD-AD704 Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
AD704 AD-AD704 Datasheet
266Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
logo
List of Unclassifed Man...
AD704-00 ETC2-AD704-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD704AN AD-AD704AN Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
AD704AQ AD-AD704AQ Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
More results

Similar Description - AD704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704 AD-AD704 Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
AD705 AD-AD705 Datasheet
451Kb / 8P
Picoampere Input Current Bipolar Op Amp
REV.B
AD706 AD-AD706 Datasheet
246Kb / 8P
Dual Picoampere Input Current Bipolar Op Amp
REV.C
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706ARZ AD-AD706ARZ Datasheet
182Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD705 AD-AD705_15 Datasheet
559Kb / 3P
PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD704 AD-AD704_15 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com