Electronic Components Datasheet Search
  English  ▼

X  

AD604 Datasheet(PDF) 1 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 1 Page - Analog Devices

  AD604 Datasheet HTML 1Page - Analog Devices AD604 Datasheet HTML 2Page - Analog Devices AD604 Datasheet HTML 3Page - Analog Devices AD604 Datasheet HTML 4Page - Analog Devices AD604 Datasheet HTML 5Page - Analog Devices AD604 Datasheet HTML 6Page - Analog Devices AD604 Datasheet HTML 7Page - Analog Devices AD604 Datasheet HTML 8Page - Analog Devices AD604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Dual, Ultralow Noise
Variable Gain Amplifier
AD604
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1996–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow input noise at maximum gain
0.80 nV/√Hz, 3.0 pA/√Hz
2 independent linear-in-dB channels
Absolute gain range per channel programmable
0 dB to 48 dB (preamplifier gain = 14 dB) through 6 dB to
54 dB (preamplifier gain = 20 dB)
±1.0 dB gain accuracy
Bandwidth: 40 MHz (−3 dB)
Input resistance: 300 kΩ
Variable gain scaling: 20 dB/V through 40 dB/V
Stable gain with temperature and supply variations
Single-ended unipolar gain control
Power shutdown at lower end of gain control
Drive ADCs directly
APPLICATIONS
Ultrasound and sonar time gain controls
High performance AGC systems
Signal measurement
FUNCTIONAL BLOCK DIAGRAM
OUT
VOCM
PAO
PAI
+DSX
–DSX
VGN
VREF
AFA
FIXED GAIN
AMPLIFIER
34.4dB
PRECISION PASSIVE
INPUT ATTENUATOR
PROGRAMMABLE
ULTRALOW NOISE
PREAMPLIFIER
G = 14dB TO 20dB
DIFFERENTIAL
ATTENUATOR
R-1.5R
LADDER NETWORK
0dB TO –48.4dB
GAIN CONTROL
AND SCALING
Figure 1.
GENERAL DESCRIPTION
The AD604 is an ultralow noise, very accurate, dual-channel,
linear-in-dB variable gain amplifier (VGA) optimized for time-
based variable gain control in ultrasound applications; however,
it supports any application requiring low noise, wide bandwidth,
variable gain control. Each channel of the AD604 provides a
300 kΩ input resistance and unipolar gain control for ease of
use. User-determined gain ranges, gain scaling (dB/V), and dc
level shifting of output further optimize performance.
Each channel of the AD604 uses a high performance
preamplifier that provides an input-referred noise voltage of
0.8 nV/√Hz. The very accurate linear-in-dB response of the
AD604 is achieved with the differential input exponential
amplifier (DSX-AMP) architecture. Each of the DSX-AMPs
comprises a variable attenuator of 0 dB to 48.36 dB followed by
a high speed fixed gain amplifier. The attenuator is a 7-stage
R-1.5R ladder network. The attenuation between tap points is
6.908 dB and 48.36 dB for the ladder network.
The equation for the linear-in-dB gain response is
G (dB) =
(Gain Scaling (dB/V) × VGN (V)) + (Preamp Gain (dB) – 19 dB)
Preamplifier gains between 5 and 10 (14 dB and 20 dB) provide
overall gain ranges per channel of 0 dB through 48 dB and 6 dB
through 54 dB. The two channels of the AD604 can be cascaded
to provide greater levels of gain range by bypassing the preamplifier
of the second channel. However, in multiple channel systems,
cascading the AD604 with other devices in the AD60x VGA
family that do not include a preamplifier may provide a more
efficient solution. The AD604 provides access to the output of
the preamplifier, allowing for external filtering between the
preamplifier and the differential attenuator stage.
Note that scale factors up to 40 dB/V are achievable with reduced
accuracy for scales above 30 dB/V. The gain scales linearly-in-
dB with control voltages of 0.4 V to 2.4 V with the 20 dB/V
scale. Below and above this gain control range, the gain begins
to deviate from the ideal linear-in-dB control law. The gain
control region below 0.1 V is not used for gain control. When
the gain control voltage is <50 mV, the amplifier channel is
powered down to 1.9 mA.
The AD604 is available in 24-lead SSOP, SOIC, and PDIP
packages and is guaranteed for operation over the −40°C to
+85°C temperature range.


Similar Part No. - AD604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD604 AD-AD604 Datasheet
497Kb / 20P
Dual, Ultralow Noise Variable Gain Amplifier
logo
List of Unclassifed Man...
AD604-00 ETC2-AD604-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD604AN AD-AD604AN Datasheet
497Kb / 20P
Dual, Ultralow Noise Variable Gain Amplifier
AD604AR AD-AD604AR Datasheet
497Kb / 20P
Dual, Ultralow Noise Variable Gain Amplifier
AD604ARS AD-AD604ARS Datasheet
497Kb / 20P
Dual, Ultralow Noise Variable Gain Amplifier
More results

Similar Description - AD604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD604 AD-AD604 Datasheet
497Kb / 20P
Dual, Ultralow Noise Variable Gain Amplifier
AD605 AD-AD605 Datasheet
263Kb / 12P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
7/04-Data Sheet Changed from REV. B to REV. C.
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
Analog Devices
AD605 AD-AD605_06 Datasheet
376Kb / 20P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
1/06-Rev. C to Rev. D
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Analog Devices
AD604 AD-AD604_15 Datasheet
930Kb / 33P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com