Electronic Components Datasheet Search
  English  ▼

X  

AD604 Datasheet(PDF) 15 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD604 Datasheet HTML 11Page - Analog Devices AD604 Datasheet HTML 12Page - Analog Devices AD604 Datasheet HTML 13Page - Analog Devices AD604 Datasheet HTML 14Page - Analog Devices AD604 Datasheet HTML 15Page - Analog Devices AD604 Datasheet HTML 16Page - Analog Devices AD604 Datasheet HTML 17Page - Analog Devices AD604 Datasheet HTML 18Page - Analog Devices AD604 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD604
Rev. D | Page 15 of 32
The larger portion of the input referred voltage noise is coming
from the amplifier with 0.63 nV/√Hz. The current noise is
independent of gain and depends only on the bias current in
the input stage of the preamplifier, which is 3 pA/√Hz.
The preamplifier can drive 40 Ω (the nominal feedback resistors)
and the following 175 Ω ladder load of the DSX with low
distortion. For example, at 10 MHz and 1 V at the output, the
preamplifier has less than −45 dB of second and third harmonic
distortion when driven from a low (25 Ω) source resistance.
In applications that require more than 48 dB of gain range, two
AD604 channels can be cascaded. Because the preamplifier has
a limited input signal range, consumes over half (120 mW) of
the total power (220 mW), and its ultralow noise is not necessary
after the first AD604 channel, a shutdown mechanism that
disables only the preamplifier is provided. To shut down the
preamplifier, connect the COM1 pin and/or COM2 pin to the
positive supply; the DSX is unaffected. For additional details,
refer to the Applications Information section.
12
11
10
9
8
1
2
3
4
7
6
5
13
16
15
14
24
23
22
21
20
19
18
17
AD604
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
Figure 40. Shutdown of Preamplifiers Only
DIFFERENTIAL LADDER (ATTENUATOR)
The attenuator before the fixed gain amplifier of the DSX is
realized by a differential 7-stage R-1.5R resistive ladder network
with an untrimmed input resistance of 175 Ω single-ended or
350 Ω differential. The signal applied at the input of the ladder
network is attenuated by 6.908 dB per tap; thus, the attenuation
at the first tap is 0 dB, at the second, 13.816 dB, and so on, all
the way to the last tap where the attenuation is 48.356 dB
(see Figure 41).
A unique circuit technique is used to interpolate continuously
between the tap points, thereby providing continuous attenuation
from 0 dB to −48.36 dB. The ladder network, together with the
interpolation mechanism, can be considered a voltage-controlled
potentiometer.
Because the DSX circuit uses a single voltage power supply, the
input biasing is provided by the VOCM buffer driving the MID
node (see Figure 41). Without internal biasing, the user would
have to dc bias the inputs externally. If not done carefully, the
biasing network can introduce additional noise and offsets. By
providing internal biasing, the user is relieved of this task and
only needs to ac couple the signal into the DSX. Note that the
input to the DSX is still fully differential if driven differentially,
that is, Pin +DSX and Pin −DSX see the same signal but with
opposite polarity (see the Ultralow Noise, Differential Input-
Differential Output VGA section).
What changes is the load seen by the driver; it is 175 Ω when
each input is driven single-ended but 350 Ω when driven
differentially. This is easily explained by thinking of the ladder
network as two 175 Ω resistors connected back-to-back with
the middle node, MID, being biased by the VOCM buffer. A
differential signal applied between the +DSX and −DSX nodes
results in zero current into the MID node, but a single-ended
signal applied to either input, +DSX or −DSX, while the other
input is ac grounded causes the current delivered by the source
to flow into the VOCM buffer via the MID node.
The ladder resistor value of 175 Ω provides the optimum
balance between the load driving capability of the preamplifier
and the noise contribution of the resistors. An advantage of the
X-AMP architecture is that the output referred noise is constant
vs. gain over most of the gain range. Figure 41 shows that the
tap resistance is equal for all taps after only a few taps away
from the inputs. The resistance seen looking into each tap is
54.4 Ω, which makes 0.95 nV/√Hz of Johnson noise spectral
density. Because there are two attenuators, the overall noise
contribution of the ladder network is √2 times 0.95 nV/√Hz
or 1.34 nV/√Hz, a large fraction of the total DSX noise. The
balance of the DSX circuit components contribute another
1.2 nV/√Hz, which together with the attenuator produces
1.8 nV/√Hz of total DSX input referred noise.
R
–6.908dB
R
1.5R
RR
–13.82dB
–20.72dB
–27.63dB
–34.54dB
–41.45dB
–48.36dB
+DSX
MID
–DSX
NOTES
1. R = 96Ω
2. 1.5R = 144Ω
R
R
R
R
R
R
R
R
R
R
1.5R
1.5R
1.5R
1.5R
1.5R
1.5R
1.5R
1.5R
1.5R
1.5R
1.5R
1.5R
1.5R
175Ω
175Ω
Figure 41. R-1.5R Dual Ladder Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com