Electronic Components Datasheet Search
  English  ▼

X  

AD604 Datasheet(PDF) 22 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD604 Datasheet HTML 18Page - Analog Devices AD604 Datasheet HTML 19Page - Analog Devices AD604 Datasheet HTML 20Page - Analog Devices AD604 Datasheet HTML 21Page - Analog Devices AD604 Datasheet HTML 22Page - Analog Devices AD604 Datasheet HTML 23Page - Analog Devices AD604 Datasheet HTML 24Page - Analog Devices AD604 Datasheet HTML 25Page - Analog Devices AD604 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD604
Rev. D | Page 22 of 32
MEDICAL ULTRASOUND TGC DRIVING THE
AD9050, A 10-BIT, 40 MSPS ADC
The AD604 is an ideal candidate for the time gain control (TGC)
amplifier that is required in medical ultrasound systems to limit
the dynamic range of the signal that is presented to the ADC.
Figure 52 shows a schematic of an AD604 driving an AD9050
in a typical medical ultrasound application.
The gain is controlled by means of a digital byte that is input to
an AD7226 DAC that outputs the analog gain control signal.
The output common-mode voltage of the AD604 is set to VPOS/2
by means of an internal voltage divider. The VOCM pin is
bypassed with a 0.1 μF capacitor to ground.
The DSX output is optionally filtered and then buffered by
an AD9631 op amp, a low distortion, low noise amplifier. The
op amp output is ac-coupled into the self-biasing input of an
AD9050 ADC that is capable of outputting 10 bits at a 40 MSPS
sampling rate.
20
27
28
15
16
17
18
19
24
25
26
22
14
13
10
3
4
9
6
5
AD9050
COMP
VREFIN
VREFOUT
REFBP
AINB
ENCODE
OR
AIN
D8
D5
D6
D7
D4
D3
D2
D1
(LSB) D0
VDD
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD604
1kΩ
CLK
J2
12
11
20
19
18
17
16
15
14
13
10
9
8
1
2
3
4
7
6
5
AD7226
AGND
VREF
VSS
DGND
DB6
DB5
DB4
A1
A0
DB1
DB2
DB3
VREF
+15V
DIGITAL GAIN CONTROL
FILTER
2
3
6
AD9631
OPTIONAL
–IN
+IN
OUT
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
50Ω
50Ω
100Ω
1kΩ
1kΩ
VDD
0.1µF
0.1µF
ANALOG
INPUT
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
A/D
OUTPUT
(MSB) D9
DB7
(MSB)
VOUTA
VOUTBVOUTC
VOUTD
VDD
DB0
(LSB)
WR
+5V
–5V
0.1µF
0.1µF
Figure 52. TGC Circuit for Medical Ultrasound Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com