Electronic Components Datasheet Search
  English  ▼

X  

AD704AR Datasheet(PDF) 6 Page - Analog Devices

Part # AD704AR
Description  Quad Picoampere Input Current Bipolar Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD704AR Datasheet HTML 2Page - Analog Devices AD704AR Datasheet HTML 3Page - Analog Devices AD704AR Datasheet HTML 4Page - Analog Devices AD704AR Datasheet HTML 5Page - Analog Devices AD704AR Datasheet HTML 6Page - Analog Devices AD704AR Datasheet HTML 7Page - Analog Devices AD704AR Datasheet HTML 8Page - Analog Devices AD704AR Datasheet HTML 9Page - Analog Devices AD704AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. C
AD704
–6–
TIME – Seconds
05
10
0.5 V
TPC 12. 0.1 Hz to 10 Hz Noise Voltage
20
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY – Hz
180
160
140
120
100
80
60
40
+PSR
–PSR
VS = 15V
TA = 25 C
TPC 15. Power Supply Rejection
vs. Frequency
0
5
10
15
20
+0.5
+1.0
+1.5
–1.5
–1.0
–0.5
R
L = 10k
+VS
–VS
SUPPLY VOLTAGE –
V
TPC 18. Output Voltage Swing vs.
Supply Voltage
FREQUENCY – Hz
1000
100
10
1
1
10
100
1000
VOUT
10k
20M
100
TPC 11. Input Noise Current
Spectral Density
160
140
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY – Hz
VS = 15V
TPC 14. Common-Mode
Rejection vs. Frequency
–20
0
20
40
60
80
100
120
140
0.01 0.1
1
10 100
1k 10k 100k 1M 10M
FREQUENCY – Hz
0
30
60
90
120
150
180
GAIN
PHASE
TPC 17. Open-Loop Gain and Phase
vs. Frequency
FREQUENCY – Hz
1000
100
10
1
1
10
100
1000
TPC 10. Input Noise Voltage
Spectral Density
500
450
400
350
300
0
5
10
15
20
+25 C
–55 C
+125 C
SUPPLY VOLTAGE –
V
TPC 13. Quiescent Supply Current
vs. Supply Voltage (per Amplifier)
1
10
100
100k
1M
10M
+25 C
–55 C
+125 C
LOAD RESISTANCE – k
TPC 16. Open-Loop Gain vs. Load
Resistance Over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com