Electronic Components Datasheet Search
  English  ▼

X  

AD704AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD704AR
Description  Quad Picoampere Input Current Bipolar Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD704AR Datasheet HTML 3Page - Analog Devices AD704AR Datasheet HTML 4Page - Analog Devices AD704AR Datasheet HTML 5Page - Analog Devices AD704AR Datasheet HTML 6Page - Analog Devices AD704AR Datasheet HTML 7Page - Analog Devices AD704AR Datasheet HTML 8Page - Analog Devices AD704AR Datasheet HTML 9Page - Analog Devices AD704AR Datasheet HTML 10Page - Analog Devices AD704AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. C
AD704
–7–
1000
100
10
1
0.1
0.01
0.001
1
10
100
1k
10k
100k
FREQUENCY – Hz
A = –1000
V
A = +1
V
I
= 1mA
OUT
TPC 19. Closed-Loop Output
Impedance vs. Frequency
10
0%
20mV
100
90
5 s
TPC 20c. Unity Gain Follower Small
Signal Pulse Response RF = 0
Ω,
CL = 100 pF
10
0%
50 s
2V
100
90
TPC 21b. Unity Gain Inverter Large
Signal Pulse Response, CL = 1,000 pF
RF
SQUARE
WAVE INPUT
0.1 F
VOUT
CL
RL
2k
–
+
1/4
AD704
0.1 F
+VS
–VS
VIN
TPC 20a. Unity Gain Follower (For
Large Signal Applications, Resistor
RF Limits the Current through the
Input Protection Diodes)
10
0%
20mV
100
90
5 s
TPC 20d. Unity Gain Follower Small
Signal Pulse Response RF = 0
Ω,
CL = 1,000 pF
10
0%
5 s
20mV
100
90
TPC 21c. Unity Gain Inverter Small
Signal Pulse Response, CL = 100 pF
10
0%
2V
100
90
50 s
TPC 20b. Unity Gain Follower Large
Signal Pulse Response RF = 10 k
Ω,
CL = 1,000 pF
SQUARE
WAVE INPUT
0.1 F
VOUT
CL
RL
2.5k
10k
10k
–
+
1/4
AD704
0.1 F
+VS
–VS
VIN
TPC 21a. Unity Gain Inverter
Connection
10
0%
5 s
20mV
100
90
TPC 21d. Unity Gain Inverter Small
Signal Pulse Response, CL = 1,000 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com