Electronic Components Datasheet Search
  English  ▼

X  

AD704AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD704AR
Description  Quad Picoampere Input Current Bipolar Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704AR Datasheet(HTML) 2 Page - Analog Devices

  AD704AR Datasheet HTML 1Page - Analog Devices AD704AR Datasheet HTML 2Page - Analog Devices AD704AR Datasheet HTML 3Page - Analog Devices AD704AR Datasheet HTML 4Page - Analog Devices AD704AR Datasheet HTML 5Page - Analog Devices AD704AR Datasheet HTML 6Page - Analog Devices AD704AR Datasheet HTML 7Page - Analog Devices AD704AR Datasheet HTML 8Page - Analog Devices AD704AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
AD704–SPECIFICATIONS (@ T
A = 25 C, VCM = 0 V, and
15 V dc, unless otherwise noted.)
AD704J/A
AD704K
AD704T
Parameters
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
Initial Offset
50
150
30
75
30
100
µV
Offset
TMIN–TMAX
100
250
50
150
80
150
µV
vs. Temp, Average TC
0.2
1.5
0.2
1.0
1.0
µV/°C
vs. Supply (PSRR)
VS =
±2 to ±18 V
100
132
112
132
112
132
dB
TMIN–TMAX
VS =
±2.5 to ±18 V 100
126
108
126
108
126
dB
Long-Term Stability
0.3
0.3
0.3
µV/month
INPUT BIAS CURRENT
1
VCM = 0 V
100
270
80
150
80
200
pA
VCM =
± 13.5 V
300
200
250
pA
vs. Temp, Average TC
0.3
0.2
1.0
pA/
°C
TMIN–TMAX
VCM = 0 V
300
200
600
pA
VCM =
± 13.5 V
400
300
700
pA
INPUT OFFSET CURRENT
VCM = 0 V
80
250
30
100
50
150
pA
VCM =
± 13.5 V
300
150
200
pA
vs. Temp, Average TC
0.6
0.4
0.4
pA/
°C
TMIN–TMAX
VCM = 0 V
100
300
80
200
80
400
pA
VCM =
± 13.5 V
100
400
80
300
100
500
pA
MATCHING CHARACTERISTICS
Offset Voltage
250
130
150
µV
TMIN–TMAX
400
200
250
µV
Input Bias Current
2
500
300
400
pA
TMIN–TMAX
600
400
600
pA
Common-Mode Rejection
3
94
110
104
dB
TMIN–TMAX
94
104
104
dB
Power Supply Rejection
4
94
110
110
dB
TMIN–TMAX
94
106
106
dB
Crosstalk
5
f = 10 Hz
RLOAD = 2 k
Ω
150
150
150
dB
FREQUENCY RESPONSE
UNITY GAIN
Crossover Frequency
0.8
0.8
0.8
MHz
Slew Rate, Unity Gain
G = –1
0.15
0.15
0.15
V/
µs
Slew Rate
TMIN–TMAX
0.1
0.1
0.1
V/
µs
INPUT IMPEDANCE
Differential
40 240 240 2M
Ω pF
Common-Mode
300 2
300 2
300 2G
Ω pF
INPUT VOLTAGE RANGE
Common-Mode Voltage
±13.5 ±14
±13.5 ±14
±13.5 ±14
V
Common-Mode Rejection Ratio
VCM =
± 13.5 V
100
132
114
132
110
132
dB
TMIN–TMAX
98
128
108
128
108
128
dB
INPUT CURRENT NOISE
0.1 to 10 Hz
3
3
3
pA p-p
f = 10 Hz
50
50
50
fA/
√Hz
INPUT VOLTAGE NOISE
0.1 to 10 Hz
0.5
0.5
2.0
0.5
2.0
µV p-p
f = 10 Hz
17
17
17
nV/
√Hz
f = 1 kHz
15
22
15
22
15
22
nV/
√Hz
OPEN-LOOP GAIN
VO =
±12 V
RLOAD = 10 k
Ω
200
2000
400
2000
400
2000
V/mV
TMIN–TMAX
150
1500
300
1500
300
1500
V/mV
VO =
±10 V
RLOAD = 2 k
Ω
200
1000
300
1000
200
1000
V/mV
TMIN–TMAX
150
1000
200
1000
100
1000
V/mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com