Electronic Components Datasheet Search
  English  ▼

X  

AD604ARS Datasheet(PDF) 6 Page - Analog Devices

Part # AD604ARS
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD604ARS Datasheet HTML 2Page - Analog Devices AD604ARS Datasheet HTML 3Page - Analog Devices AD604ARS Datasheet HTML 4Page - Analog Devices AD604ARS Datasheet HTML 5Page - Analog Devices AD604ARS Datasheet HTML 6Page - Analog Devices AD604ARS Datasheet HTML 7Page - Analog Devices AD604ARS Datasheet HTML 8Page - Analog Devices AD604ARS Datasheet HTML 9Page - Analog Devices AD604ARS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD604
Rev. D | Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–DSX1 1
+DSX1 2
PAO1 3
FBK1 4
VGN1
24
VREF
23
OUT1
22
GND1
21
PAI1 5
COM1 6
COM2 7
VPOS
20
VNEG
19
VNEG
18
PAI2 8
VPOS
17
FBK2 9
GND2
16
PAO2 10
OUT2
15
+DSX2 11
VOCM
14
–DSX2 12
VGN2
13
AD604
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
–DSX1
Channel 1 Negative Signal Input to DSX1.
2
+DSX1
Channel 1 Positive Signal Input to DSX1.
3
PAO1
Channel 1 Preamplifier Output.
4
FBK1
Channel 1 Preamplifier Feedback Pin.
5
PAI1
Channel 1 Preamplifier Positive Input.
6
COM1
Channel 1 Signal Ground. When connected to positive supply, Preamplifier 1 shuts down.
7
COM2
Channel 2 Signal Ground. When connected to positive supply, Preamplifier 2 shuts down.
8
PAI2
Channel 2 Preamplifier Positive Input.
9
FBK2
Channel 2 Preamplifier Feedback Pin.
10
PAO2
Channel 2 Preamplifier Output.
11
+DSX2
Channel 2 Positive Signal Input to DSX2.
12
–DSX2
Channel 2 Negative Signal Input to DSX2.
13
VGN2
Channel 2 Gain Control Input and Power-Down Pin. If grounded, device is off; otherwise, positive voltage increases gain.
14
VOCM
Input to this pin defines the common mode of the output at OUT1 and OUT2.
15
OUT2
Channel 2 Signal Output.
16
GND2
Ground.
17
VPOS
Positive Supply.
18
VNEG
Negative Supply.
19
VNEG
Negative Supply.
20
VPOS
Positive Supply.
21
GND1
Ground.
22
OUT1
Channel 1 Signal Output.
23
VREF
Input to this pin sets gain scaling for both channels to 2.5 V = 20 dB/V and 1.67 V = 30 dB/V.
24
VGN1
Channel 1 Gain Control Input and Power-Down Pin. If grounded, the device is off; otherwise, positive voltage increases gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com