Electronic Components Datasheet Search
  English  ▼

X  

AD604ARS Datasheet(PDF) 10 Page - Analog Devices

Part # AD604ARS
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD604ARS Datasheet HTML 6Page - Analog Devices AD604ARS Datasheet HTML 7Page - Analog Devices AD604ARS Datasheet HTML 8Page - Analog Devices AD604ARS Datasheet HTML 9Page - Analog Devices AD604ARS Datasheet HTML 10Page - Analog Devices AD604ARS Datasheet HTML 11Page - Analog Devices AD604ARS Datasheet HTML 12Page - Analog Devices AD604ARS Datasheet HTML 13Page - Analog Devices AD604ARS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD604
Rev. D | Page 10 of 32
FREQUENCY (Hz)
–40
–50
–70
–60
–45
–55
–65
100k
1M
10M
100M
VO =1Vp-p
VGN = 1V
HD3
HD2
Figure 21. Harmonic Distortion vs. Frequency
VGN (V)
–30
–60
–80
–40
–50
–70
–35
–65
–45
–55
–75
VO =1Vp-p
HD2 (10MHz)
HD3 (1MHz)
HD3 (10MHz)
HD2 (1MHz)
0.5
0.9
1.3
1.7
2.1
2.5
2.9
Figure 22. Harmonic Distortion vs. VGN
–20
–50
–80
–30
–40
–70
–60
50Ω
500Ω
DUT
RS
RSOURCE (Ω)
0
50
100
150
200
250
VO =1V p-p
VGN = 1V
HD3 (10MHz)
HD2 (1MHz)
HD3 (1MHz)
HD2 (10MHz)
Figure 23. Harmonic Distortion vs. RSOURCE
FREQUENCY (MHz)
–90
–120
–30
–80
–100
–110
–60
–70
–40
–50
–20
VO =1V p-p
VGN = 1V
9.96
9.98
10.00
10.02
10.04
Figure 24. Intermodulation Distortion
VGN (V)
5
–15
–35
0
–5
–10
–20
–30
–25
10MHz
1MHz
INPUT
SIGNAL
LIMIT
800mV p-p
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
Figure 25. 1 dB Compression vs. VGN
VGN (V)
25
20
–15
5
0
–5
–10
15
10
f =1MHz
f =10MHz
VO =1Vp-p
0.4
0.9
1.4
1.9
2.4
2.9
Figure 26. Third-Order Intercept vs. VGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com