Electronic Components Datasheet Search
  English  ▼

X  

AD604ARS Datasheet(PDF) 20 Page - Analog Devices

Part # AD604ARS
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARS Datasheet(HTML) 20 Page - Analog Devices

Back Button AD604ARS Datasheet HTML 16Page - Analog Devices AD604ARS Datasheet HTML 17Page - Analog Devices AD604ARS Datasheet HTML 18Page - Analog Devices AD604ARS Datasheet HTML 19Page - Analog Devices AD604ARS Datasheet HTML 20Page - Analog Devices AD604ARS Datasheet HTML 21Page - Analog Devices AD604ARS Datasheet HTML 22Page - Analog Devices AD604ARS Datasheet HTML 23Page - Analog Devices AD604ARS Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD604
Rev. D | Page 20 of 32
The 50 Ω termination resistor, together with the 50 Ω source
resistance of the signal generator, combine to an effective resistance
as seen by the input of the preamplifier of 25 Ω, which makes
4.07 μV of rms noise in 40 MHz. The noise floor of this channel
is consequently the rms sum of these two main noise sources,
6.5 μV rms. The minimum detectable signal (MDS) for this
circuit is +6.5 μV rms (−90.7 dBm). Generally, the measured signal
should be about a factor of three larger than the noise floor, in
this case 19.5 μV rms. Note that the 25 μV rms signal that this
AGC circuit can correct for is just slightly above the MDS. Of
course, the sensitivity of the input can be improved by
bandlimiting the signal; if the noise bandwidth is reduced by a
factor of four to 10 MHz, the noise floor of the AGC circuit with
a 50 Ω termination resistor drops to +3.25 μV rms (−96.7 dBm).
Further noise improvement can be achieved by an input matching
network or by transformer coupling of the input signal.
VGN (V)
90
80
–30
70
60
20
50
40
30
–20
–10
0
10
f =1MHz
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
Figure 45. Cascaded Gain vs. VGN
VGN (V)
4
3
–4
2
1
–3
0
–1
–2
f =1MHz
0.2
0.7
1.2
1.7
2.2
2.7
Figure 46. Cascaded Gain Error vs. VGN
The descriptions of the detector circuitry functions, comprising
a squarer, a low-pass filter, and an integrator, follow. At this
point, it is necessary to make some assumptions about the input
signal. The following explanation of the detector circuitry presumes
an amplitude modulated RF carrier where the modulating signal is
at a much lower frequency than the RF signal. The AD835
multiplier functions as the detector by squaring the output signal
presented to it by the AD604. A low-pass filter following the
squaring operation removes the RF signal component at twice
the incoming signal frequency, while passing the low frequency
AM information. The following integrator with a time constant of
2 ms set by R8 and C11 integrates the error signal presented by
the low-pass filter and changes VG until the error signal is equal
to VSET.
For example, if the signal presented to the detector is
V1 = A × cos(ωt) as indicated in Figure 44, the output of the
squarer is −(V1)2/1 V. The reason for all the minus signs in the
detection circuitry comes from the necessity of providing negative
feedback in the control loop; actually, if VSET becomes greater
than 0 V, the control loop provides positive feedback. Squaring
A × cos(ωt) results in two terms, one at dc and one at 2ω; the
following low-pass filter passes only the −(A)2/2 dc term. This
dc voltage is now forced equal to the voltage, VSET, by the control
loop. The squarer, together with the low-pass filter, functions as
a mean-square detector. As should be evident by controlling the
value of VSET, the amplitude of the voltage V1 can be set at the
input of the AD835; if VSET equals −80 mV, the AGC output
signal amplitude is ±400 mV.
Figure 47 shows the control voltage, VGN, vs. the input power at
frequencies of 1 MHz (solid line) and 10 MHz (dashed line) at
an output regulated level of 2 dBm (800 mV p-p). The AGC
threshold is evident at a PIN of about −79 dBm; the highest input
power that can still be accommodated is about +3 dBm. At this
level, the output starts being distorted because of clipping in the
preamplifier.
4.5
4.0
0.5
3.5
3.0
1.0
2.5
2.0
1.5
1MHz
10MHz
PIN (dBm)
–80
–70
–60
–50
–40
–30
–20
–10
0
10
Figure 47. Control Voltage vs. Input Power of Circuit in Figure 44
As previously mentioned, the second preamplifier can be used
to extend the range of the AGC circuit in Figure 44. Figure 48
shows the modifications that must be made to Figure 46 to achieve
96 dB of gain and dynamic range. Because of the extremely high
gain, the bandwidth must be limited to reject some of the
noise. Furthermore, limiting the bandwidth helps suppress high
frequency oscillations. The added components act as a low-pass
filter and dc block (C5 decouples the 2.5 V common-mode
output of the first DSX). The ferrite bead has an impedance of
about 5 Ω at 1 MHz, 30 Ω at 10 MHz, and 70 Ω at 100 MHz. The
bead, combined with R2 and C6, forms a 1 MHz low-pass filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com