Electronic Components Datasheet Search
  English  ▼

X  

85.02 Datasheet(PDF) 1 Page - Finder Relays, Inc.

Part # 85.02
Description  Miniature plug-in timers 7 - 10 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

85.02 Datasheet(HTML) 1 Page - Finder Relays, Inc.

  85.02 Datasheet HTML 1Page - Finder Relays, Inc. 85.02 Datasheet HTML 2Page - Finder Relays, Inc. 85.02 Datasheet HTML 3Page - Finder Relays, Inc. 85.02 Datasheet HTML 4Page - Finder Relays, Inc. 85.02 Datasheet HTML 5Page - Finder Relays, Inc. 85.02 Datasheet HTML 6Page - Finder Relays, Inc. 85.02 Datasheet HTML 7Page - Finder Relays, Inc. 85.02 Datasheet HTML 8Page - Finder Relays, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
H
Plug-in timer
85.02 - 2 Pole 10 A
85.03 - 3 Pole 10 A
85.04 - 4 Pole 7 A
• Multifunctions
• Seven time scales, from 0.05 s to 100 h
• 94 series sockets for 35 mm rail (EN 60715)
mount with push-in and screw terminal
85.02
85.03
85.04
• 2 pole, 10 A
• AC/DC supply non polarized
• Plug-in for use with 94 series
sockets
• 3 pole, 10 A
• AC/DC supply non polarized
• Plug-in for use with 94 series
sockets
• 4 pole, 7 A
• AC/DC supply non polarized
• Plug-in for use with 94 series
sockets
AI: On-delay
DI: Interval
SW: Symmetrical flasher
(starting pulse on)
GI: Pulse delayed
AI: On-delay
DI: Interval
SW: Symmetrical flasher
(starting pulse on)
GI: Pulse delayed
AI: On-delay
DI: Interval
SW: Symmetrical flasher
(starting pulse on)
GI: Pulse delayed
Wiring diagram
(without control signal)
Wiring diagram
(without control signal)
Wiring diagram
(without control signal)
For UL ratings see:
“General technical information” page
V
Contact specification
Contact configuration
2 CO (DPDT)
3 CO (3PDT)
4 CO (4PDT)
Rated current/Maximum peak current
A
10/20
10/20
7/15
Rated voltage/
Maximum switching voltage
V AC
250/400
250/400
250/250
Rated load AC1
VA
2500
2500
1750
Rated load AC15 (230 V AC)
VA
500
500
350
Single phase motor rating (230 V AC)
kW
0.37
0.37
0.125
Breaking capacity DC1: 30/110/220 V
A
10/0.25/0.12
10/0.25/0.12
7/0.25/0.12
Minimum switching load
mW (V/mA)
300 (5/5)
300 (5/5)
300 (5/5)
Standard contact material
AgNi
AgNi
AgNi
Supply specification
Nominal voltage (UN)
V AC (50/60 Hz)
230…240
230…240
230…240
V AC/DC
12 - 24 - 48 - 110…125 (non polarized)
Rated power AC/DC
VA (50 Hz)/W
2/2
2/2
2/2
Operating range
AC
(0.85…1.1)UN
(0.85…1.1)UN
(0.85…1.1)UN
DC
(0.85…1.1)UN
(0.85…1.1)UN
(0.85…1.1)UN
Technical data
Specified time range
(0.05…1)s, (0.5…10)s, (5…100)s, (0.5…10)min, (5…100)min, (0.5…10)h, (5…100)h
Repeatability
%
± 2
± 2
± 2
Recovery time
ms
≤ 20
≤ 20
≤ 20
Minimum control impulse
ms
—
—
—
Setting accuracy-full range
%
± 5
± 5
± 5
Electrical life at rated load in AC1
cycles
200 · 103
200 · 103
150 · 103
Ambient temperature range
°C
–20…+60
–20…+60
–20…+60
Protection category
IP 40
IP 40
IP 40
Approvals (according to type)
1
85
SERIES
85 SERIES
Miniature plug-in timers 7 - 10 A


Similar Description - 85.02

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
Miniature plug-in power relays
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
Miniature plug-in power relays
logo
Panasonic Semiconductor
DK18-L2-12V-F PANASONIC-DK18-L2-12V-F Datasheet
131Kb / 5P
10 A MINIATURE POWER RELAY
logo
Rosenberger Hochfrequen...
60S164-S00N1 ROSENBERGER-60S164-S00N1 Datasheet
117Kb / 2P
Adaptor 4.3-10 plug ??7/16 plug
logo
Schneider Electric
RXM4AB1P7 SCHNEIDER-RXM4AB1P7 Datasheet
142Kb / 6P
Miniature plug-in relay
Aug 13, 2020
RXM4AB2F7 SCHNEIDER-RXM4AB2F7 Datasheet
143Kb / 6P
Miniature plug-in relay
Aug 13, 2020
RXM3AB1F7 SCHNEIDER-RXM3AB1F7 Datasheet
215Kb / 6P
Harmony, Miniature plug-in relay, 10 A, 3 CO, with lockable test button, 120 V AC
Aug 5, 2021
RXM3AB1FD SCHNEIDER-RXM3AB1FD Datasheet
215Kb / 6P
Harmony, Miniature plug-in relay, 10 A, 3 CO, with lockable test button, 110 V DC
Aug 5, 2021
RXM3AB1JD SCHNEIDER-RXM3AB1JD Datasheet
215Kb / 6P
Harmony, Miniature plug-in relay, 10 A, 3 CO, with lockable test button, 12 V DC
Aug 5, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com